Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 183Page - Renesas Technology Corp 7477 Datasheet HTML 184Page - Renesas Technology Corp 7477 Datasheet HTML 185Page - Renesas Technology Corp 7477 Datasheet HTML 186Page - Renesas Technology Corp 7477 Datasheet HTML 187Page - Renesas Technology Corp 7477 Datasheet HTML 188Page - Renesas Technology Corp 7477 Datasheet HTML 189Page - Renesas Technology Corp 7477 Datasheet HTML 190Page - Renesas Technology Corp 7477 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-170
HARDWARE
1.17 Low-power dissipation function
Fig. 1.17.6 Structure of CPU mode register
1.17.4 Related register
(1) CPU mode register (Address 00FB16)
The CPU mode register consists of a stack page selection bit+1 and system clock control bits+2.
+1: In series having a RAM capacity of 192 bytes or less, this bit is not used because no RAM is
located on page 1. (Be sure to set this bit to “0.”)
+2: In the 7470/7477 group, which is not provided with a sub-clock generating circuit, this bit is not
used. (Be sure to set this bit to “0.”)
Figure 1.17.6 shows a structure of CPU mode register.
b7 b6 b5 b4 b3 b2 b1 b0
CPU mode register (CPUM) [Address
B
At reset R W
CPU mode register
0, 1
2
3
4
5
0
?
0
0
0
0
? !
Name
Function
Fix these bits to “0.”
Nothing is allocated for this bit. This is write
enabled bit and is undefined at reading.
Main clock (XIN–XOUT)
stop bit
XCOUT drive capacity
selection bit
6
7
0
Stack page selection
bit
0
Internal system clock
selection bit
0: In page 0 area
1: In page 1 area
(Note 1)
0: Low
1: High
(Note 2)
0: Oscillates
1: Stops
(Note 2)
0: XIN–XOUT selected
(Ordinary mode)
1: XCIN–XCOUT selected
(Low speed mode)
(Note 2)
P50, P51/XCIN,XCOUT
selection bit
0: P50, P51
1: XCIN, XCOUT (Note 2)
0
Notes 1:
2:
In the products having a RAM capacity of 192 bytes or
less, set this bit to “0.”
Since the 7470/7477 group is not provided with the
sub-clock generating circuit, f(X
Fix these bits to “0.”
00FB16]
CIN
) cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com