Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 187Page - Renesas Technology Corp 7477 Datasheet HTML 188Page - Renesas Technology Corp 7477 Datasheet HTML 189Page - Renesas Technology Corp 7477 Datasheet HTML 190Page - Renesas Technology Corp 7477 Datasheet HTML 191Page - Renesas Technology Corp 7477 Datasheet HTML 192Page - Renesas Technology Corp 7477 Datasheet HTML 193Page - Renesas Technology Corp 7477 Datasheet HTML 194Page - Renesas Technology Corp 7477 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-174
HARDWARE
1.18 State transitions
s Reset
→ Ordinary mode (State A)
Immediately after reset, the main clock divided by 2 (f(XIN)/2) is selected as an internal clock
φ and
the I/O pins XCIN and XCOUT of the sub-clock f(XCIN) become ordinary ports. “FF16” and “0716” are
set in timer 3 and timer 4 respectively, and also the main clock divided by 16 (f(XIN)/16) is selected
as a count source of timer 3 and the overflow signal of timer 3 is selected as a count source of
timer 4. Then a down-count is started.
When timer 4 overflows, the internal reset is released and the program starts from the address
specified by reset vector.
s Low-speed mode (Stae C and state D)
To the low-speed mode (state C and state D) using the sub-clock divided by 2 (f(XCIN)/2) as an
internal clock
φ, a transition is made by way of the ordinary mode (state A)
state B (
state
C).
In the 7470/7477 group, which is not provided with a sub-clock oscillation circuit, this mode is not
provided.
s Wait mode (State E)
In this mode, all the states of registers, I/O ports and internal RAMs are held. The internal clock
φ stops at “H” but the oscillator does not stop.
From any of state A, state B, state C and state D, a return is made to the wait mode by executing
the WIT instruction. When a return is made from the state D to the wait mode, the sub-clock mode
in which only the timer function operates is provided. (In the 7470/7477 group, which is not
provided with a sub-clock oscillation circuit, the sub-clock mode is not provided.)
Refer to “1.17.2 Wait mode.”
s Stop mode (State F)
In this mode, all the states of registers, I/O ports and internal RAMs except timer 3 and timer 4
are held and the oscillation of both main sub-clock is stopped. From any of state A, B, C and D,
a return is made to the stop mode by executing the STP instruction.
Refer to “1.17.1 Stop mode.”
s Sub-clock mode (State G)
Only the clock-function is made to operate by sub-clock mode at low-power dissipation.
The sub-clock mode (state G) is provided by executing the WIT instruction in the low-speed mode
(state D), and restoration from this state to the low-speed mode is attached by each interrupt.
In the 7470/7477 group, which is not provided with a sub-clock oscillation circuit, this mode is not
provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com