Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 181Page - Renesas Technology Corp 7477 Datasheet HTML 182Page - Renesas Technology Corp 7477 Datasheet HTML 183Page - Renesas Technology Corp 7477 Datasheet HTML 184Page - Renesas Technology Corp 7477 Datasheet HTML 185Page - Renesas Technology Corp 7477 Datasheet HTML 186Page - Renesas Technology Corp 7477 Datasheet HTML 187Page - Renesas Technology Corp 7477 Datasheet HTML 188Page - Renesas Technology Corp 7477 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-168
HARDWARE
1.17 Low-power dissipation function
2
2
2
2
2 Recovery by interrupt
In the wait mode, oscillation is continued. Accordingly, as soon as the wait mode is released, an
instruction is executed.
When an interrupt request is generated in the wait mode, this wait mode is released and the supply
of internal clock
φ to the CPU is started. At the same time, the interrupt request used for recovery
is accepted, so that the interrupt processing routine is executed.
The interrupt sources that are available for recovery are shown below.
q INT0, INT1
q CNTR0, CNTR1
q Serial I/O
q A-D conversion
q Timer 1 to timer 4
q Key input (key on wake up)
However, when the above interrupt sources are used for recovery from the wait mode, perform the
following setting and then execute the WIT instruction to permit an interrupt to be used.
[Register setting]
1 Clear the interrupt request bit of the interrupt source to be used for recovery to “0.”(No request)
2 Set the interrupt enable bit of the interrupt source to be used for recovery to “1.”(Enabled)
3 Clear the interrupt disable flag I to “0.” (Enabled)
For the details of the Interrupt, refer to “1.11 Interrupts.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com