Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 205Page - Renesas Technology Corp 7477 Datasheet HTML 206Page - Renesas Technology Corp 7477 Datasheet HTML 207Page - Renesas Technology Corp 7477 Datasheet HTML 208Page - Renesas Technology Corp 7477 Datasheet HTML 209Page - Renesas Technology Corp 7477 Datasheet HTML 210Page - Renesas Technology Corp 7477 Datasheet HTML 211Page - Renesas Technology Corp 7477 Datasheet HTML 212Page - Renesas Technology Corp 7477 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 354 page
background image
1-192
HARDWARE
1.20 Electrical characteristics
7470/7471/7477/7478 GROUP USER’S MANUAL
Table 1.20.7 Electrical characteristics (7471 group)
(VCC = 2.7 V to 5.5 V, VSS = AVSS = 0 V, Ta = –20 °C to +85 °C, unless otherwise noted)
Symbol
Parameter
Unit
Limits
Max.
Typ.
Min.
VOH
VOL
VT+ – VT–
VT+ – VT–
VT+ – VT–
IIL
IIL
IIL
IIL
IIH
IIH
IIH
IIH
ICC
VRAM
Test conditions
“H” output voltage
P00 to P07, P10 to P17
P20 to P27, P40 to P43
“L” output voltage
P00 to P07, P10 to P17
P20 to P27, P40 to P43
Hysteresis P00 to P07
P30 to P33
Hysteresis
_______
RESET
Hysteresis P14/SIN
P16/CLK
“L” input current
P00 to P07, P10 to P17,
P40 to P43, P50 to P53
“L” input current P30 to P33
“L” input current
P20 to P27
“L” input current
_______
XIN, RESET
“H” input current
P00 to P07, P10 to P17,
P40 to P43, P50 to P53
“H” input current P30 to P33
“H” input current
P20 to P27
“H” input current
_______
XIN, RESET
Power source current
RAM retention voltage
When used as SIN or CLK
VI = 0 V
Not use pull-up transistor
VI = 0 V
Use pull-up transistor
VI = 0V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
Ta = 25 °C
Ta = 85 °C
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VI = 0 V, not use pull-up tran-
sistor, not use as analog input
VI = 0 V, use pull-up transis-
tor, not use as analog input
VI = 0 V
XIN is at stop mode
VI = VCC
Not use pull-up transistor
VI = VCC
VI = VCC, not use pull-up tran-
sistor, not use as analog input
VI = VCC
XIN is at stop mode
VCC = 5 V, IOH = –5 mA
VCC = 3 V, IOH = –1.5 mA
VCC = 5 V, IOL = 10 mA
VCC = 3 V, IOL = 3 mA
3.0
2.0
–0.25
–0.08
–0.25
–0.08
2.0
0.5
0.3
0.5
0.3
0.5
0.3
–0.5
–0.18
–0.5
–0.18
7
3.5
1.8
7.5
4
2
30
15
2
1
0.5
3
2
0.1
1
2.0
1.0
–5
–3
–1.0
–0.35
–5
–3
–5
–3
–1.0
–0.35
–5
–3
5
3
5
3
5
3
5
3
14
7
3.6
15
8
4
80
40
4
2
1
12
8
1
10
5.5
V
V
V
V
V
V
V
V
V
V
µA
µA
mA
mA
µA
µA
µA
µA
mA
mA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
mA
mA
mA
mA
mA
mA
µA
µA
mA
mA
mA
µA
µA
µA
µA
V
f(XIN) = 8 MHz
f(XIN) = 4 MHz
f(XIN) = 8 MHz
f(XIN) = 4 MHz
f(XIN) = 8 MHz
f(XIN) = 4 MHz
At system op-
eration,
A-D conversion
is executed
At system op-
eration,
A-D conversion
is not executed
In low-speed mode, Ta = 25°C, low-power mode
f(XCIN) = 32 kHz
At A-D conversion is not executed
At wait mode, Ta = 25°C,
low-power mode, f(XCIN) =
32 kHz
At stop mode, VCC = 5 V
Stop all oscillation
At wait mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com