Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 202Page - Renesas Technology Corp 7477 Datasheet HTML 203Page - Renesas Technology Corp 7477 Datasheet HTML 204Page - Renesas Technology Corp 7477 Datasheet HTML 205Page - Renesas Technology Corp 7477 Datasheet HTML 206Page - Renesas Technology Corp 7477 Datasheet HTML 207Page - Renesas Technology Corp 7477 Datasheet HTML 208Page - Renesas Technology Corp 7477 Datasheet HTML 209Page - Renesas Technology Corp 7477 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.20 Electrical characteristics
1-189
Table 1.20.3 Electrical characteristics (7470 group)
(VCC = 2.7 V to 5.5 V, VSS = 0 V, Ta = –20 °C to +85 °C, unless otherwise noted)
Symbol
Parameter
Unit
Limits
Max.
Typ.
Min.
VOH
VOL
VT+ – VT–
VT+ – VT–
VT+ – VT–
IIL
IIL
IIL
IIL
IIH
IIH
IIH
IIH
ICC
VRAM
Test conditions
“H” output voltage
P00 to P07, P1 0 to P17
P20 to P23, P40, P41
“L” output voltage
P00 to P07, P1 0 to P17
P20 to P23, P40, P41
Hysteresis P00 to P07
P30 to P33
_______
Hysteresis RESET
Hysteresis P14/SIN
P16/CLK
“L” input current
P00 to P07, P10 to P17,
P40, P41
“L” input current P30 to P33
“L” input current
P20 to P23
“L” input current
_______
XIN, RESET
“H” input current
P00 to P07, P10 to P17,
P40, P41
“H” input current P30 to P33
“H” input current
P20 to P23
“H” input current
_______
XIN, RESET
Power source current
RAM retention voltage
Use as SIN or CLK
V I = 0 V
Not use pull-up transistor
V I = 0 V
Use pull-up transistor
V I = 0 V
VI = 0 V, not use pull-up tran-
sistor, not use as analog input
VI = 0 V, use pull-up transistor,
not use as analog input
V I = 0 V
XIN is at stop mode
VI = VCC
Not use pull-up transistor
VI = VCC
VI = VCC, not use pull-up tran-
sistor, not use as analog input
VI = VCC
XIN is at stop mode
V CC = 5 V
V CC = 3 V
V CC = 5 V
V CC = 3 V
V CC = 5 V
V CC = 3 V
V CC = 5 V
V CC = 3 V
V CC = 5 V
V CC = 3 V
V CC = 5 V
V CC = 3 V
V CC = 5 V
V CC = 3 V
V CC = 5 V
V CC = 3 V
V CC = 5 V
V CC = 3 V
V CC = 5 V
V CC = 3 V
V CC = 5 V
V CC = 3 V
V CC = 5 V
V CC = 3 V
V CC = 5 V
V CC = 3 V
V CC = 5 V
V CC = 3 V
Ta = 25 °C
Ta = 85 °C
V CC = 5 V
V CC = 3 V
V CC = 5 V
V CC = 3 V
V CC = 5 V, IOH = –5 mA
V CC = 3 V, IOH = –1.5 mA
V CC = 5 V, IOL = 10 mA
V CC = 3 V, IOL = 3 mA
3.0
2.0
–0.25
–0.08
–0.25
–0.08
2.0
0.5
0.3
0.5
0.3
0.5
0.3
–0.5
–0.18
–0.5
–0.18
7
3.5
1.8
7.5
4
2
2
1
0.5
0.1
1
2.0
1.0
–5
–3
–1.0
–0.35
–5
–3
–5
–3
–1.0
–0.35
–5
–3
5
3
5
3
5
3
5
3
14
7
3.6
15
8
4
4
2
1
1
10
5.5
V
V
V
V
V
V
V
V
V
V
µA
µA
mA
mA
µA
µA
µA
µA
mA
mA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
mA
mA
mA
mA
mA
mA
mA
mA
mA
µA
µA
V
f(XIN) = 8 MHz
f(XIN) = 4 MHz
f(XIN) = 8 MHz
f(XIN) = 4 MHz
f(XIN) = 8 MHz
f(XIN) = 4 MHz
At system op-
eration,
A-D conversion
is not executed
At system op-
eration,
A-D conversion
is executed
At stop mode VCC = 5 V
Stop all oscillation
At wait mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com