Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 200Page - Renesas Technology Corp 7477 Datasheet HTML 201Page - Renesas Technology Corp 7477 Datasheet HTML 202Page - Renesas Technology Corp 7477 Datasheet HTML 203Page - Renesas Technology Corp 7477 Datasheet HTML 204Page - Renesas Technology Corp 7477 Datasheet HTML 205Page - Renesas Technology Corp 7477 Datasheet HTML 206Page - Renesas Technology Corp 7477 Datasheet HTML 207Page - Renesas Technology Corp 7477 Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 354 page
background image
1-187
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.19 Built-in PROM version
(2) One Time PROM version
s Precautions before use
q The PROM of the One Time PROM version is
not tested or screened in the assembly process
and following processes. To ensure proper
operation after programming, the procedure
shown in Figure 1.19.7 is recommended to
verify programming.
Fig. 1.19.7 Programming and testing of One
Time PROM version
(3) Built-in EPROM version
s Precautions on erasing
q Sunlight and fluorescent light include light that may erase the information written in the built-in
PROM. When using the built-in EPROM version in the read mode, be sure to cover the transparent
glass portion with a seal.
q This seal to cover the transparent glass portion is prepared on our side. Be careful not to bring
the seal into contact with the microcomputer lead wires when covering the portion with the seal
because this seal is made of metal (aluminum).
q Before erasing data, clean the transparent glass. If any finger stain or seal adhesive is stuck to
the transparent glass, this prevents ultraviolet rays from passing, thereby affecting the erase
characteristic adversely.
Programming with PROM programmer
Screening (Caution)
(Leave at 150°C for 40 hours)
Verification with PROM programmer
Functional check in target device
Caution: The screening temperature is far higher
than the storage temperature. Never expose to
150°C exceeding 100 Hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com