Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 197Page - Renesas Technology Corp 7477 Datasheet HTML 198Page - Renesas Technology Corp 7477 Datasheet HTML 199Page - Renesas Technology Corp 7477 Datasheet HTML 200Page - Renesas Technology Corp 7477 Datasheet HTML 201Page - Renesas Technology Corp 7477 Datasheet HTML 202Page - Renesas Technology Corp 7477 Datasheet HTML 203Page - Renesas Technology Corp 7477 Datasheet HTML 204Page - Renesas Technology Corp 7477 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-184
HARDWARE
1.19 Built-in PROM version
Input/
Output
Input
Input
Input/
output
Input
Input
Input
Name
Input port P3
Address input
A11, A12
Mode input
VPP input
I/O port P4
Address input
A13, A14
Input port P5
Input port P5
Functions
• Port P3 is a 4-bit input port.
• Pins P30, P31 are in common with external in-
terrupt input pins INT0, INT1 respectively.
• Pins P32, P33 are in common with timer input
pins CNTR0, CNTR1 respectively.
• The P30 and P31 pins are the address (A11,
A12) input pins.
•
_____
The P32 pin becomes an OE input pin.
• The P33 pin is a VPP input pin and VPP is applied
to it when the VPP is input and the program is
verified.
• Port P4 is a 4-bit I/O port.
• The output structure is CMOS output.
• In input mode, pull-up transistor can be con-
nected in units of 4-bit.
Note: The 7470/7477 group has only 2 pins P40
and P41.
• The P40 to P41 pins are the address (A13, A14)
input pins.
• In the case of the 7471/7478 group, put the
P42 and P43 pins into the open state.
• Port P5 is a 4-bit input port.
• Pull-up transistor can be connected in units of
4-bit.
• Pins P50, P51 are in common with input/output
pins for sub-clock generating circuit XCIN, XCOUT
respectively.
• When using pins P50 and P51 as pins XCIN
and XCOUT, connect a quartz-crystal oscillator
between pins XCIN and XCOUT.
• When using pins P50 and P51 as pins XCIN
and XCOUT, a feedback resistor is connected
between pins XCIN and XCOUT.
• To use an external clock input, connect the
clock oscillation source to the XCIN pin and leave
the XCOUT pin open.
Note: Only the 7471/7478 group has pins P50
to P53.
• Put this port into the open state.
Mode
Ordinary
EPROM
Ordinary
EPROM
Ordinary
EPROM
Table 1.19.5 Pin description (3)
Pin
P30–P33
P40–P43
P50–P53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com