Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 198Page - Renesas Technology Corp 7477 Datasheet HTML 199Page - Renesas Technology Corp 7477 Datasheet HTML 200Page - Renesas Technology Corp 7477 Datasheet HTML 201Page - Renesas Technology Corp 7477 Datasheet HTML 202Page - Renesas Technology Corp 7477 Datasheet HTML 203Page - Renesas Technology Corp 7477 Datasheet HTML 204Page - Renesas Technology Corp 7477 Datasheet HTML 205Page - Renesas Technology Corp 7477 Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 354 page
background image
1-185
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.19 Built-in PROM version
Reading
Output disable
Writing
Writing verify
Writing disable
_____
OE
VIL
VIH
VIH
VIL
VIH
VPP
VCC
VCC
VPP
VPP
VPP
VCC
VCC
____________
RESET
0V
D0 to D7
Output
Floating
Input
Output
Floating
Pin
Note: VIL denotes an “L” input voltage and VIH denotes an “H” input voltage.
_____
CE
VIL
VIL
VIL
VIH
VIH
Mode
1.19.3 Writing, reading, and erasing to built-in PROM
_____________
The built-in PROM version is put into the EPROM mode by applying the “L” level to the RESET pin. Write,
read and erase operations to the built-in PROM in the EPROM mode are described below.
Table 1.19.6 shows input signals in each mode.
(1) Reading
q
_____________
Apply 0 V to the RESET pin and 5 V to the VCC pin.
q
_____
_____
When an address signal (A0-A14) is input and the CE pin and the OE pin are caused to go “L”, the
contents of the PROM appear to data I/O pins (D0-D7).
q
_____
_____
The data I/O pins (D0-D7) are put into a floating when either the CE pin or the OE pin is in the “H”
state.
(2) Writing
q
_____________
Apply 0 V to the RESET pin and 5 V to the VCC pin.
q
_____
When the OE pin is caused to go to “H” and VPP is applied to the VPP pin, the program mode is
provided.
q Set an address to the address input pins (A0-A14) and give write data to the data I/O pins (D0-D7)
in parallel.
q
_____
In the above condition, a write operation is performed by causing the CE pin to go to “L”.
When using a PROM programmer, specify an address into the following area.
q Address 600016 to address 7FFF16 (for the M3747xE4)
q Address 400016 to address 7FFF16 (for the M3747xE8)
(3) Erasing
q An erase operation is enabled only in the built-in EPROM version with window (M37471E8SS/
M37478E8SS).
q Data can be erased by irradiating ultraviolet rays having a wave length of 2537Å.
q The minimum amount of irradiation required for an erase operation is 15 W•s/cm2.
Table 1.19.6 Input/Output signal on each mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com