Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 220Page - Renesas Technology Corp 7477 Datasheet HTML 221Page - Renesas Technology Corp 7477 Datasheet HTML 222Page - Renesas Technology Corp 7477 Datasheet HTML 223Page - Renesas Technology Corp 7477 Datasheet HTML 224Page - Renesas Technology Corp 7477 Datasheet HTML 225Page - Renesas Technology Corp 7477 Datasheet HTML 226Page - Renesas Technology Corp 7477 Datasheet HTML 227Page - Renesas Technology Corp 7477 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.20 Electrical characteristics
1-207
1.20.4 Port standard characteristic
The port standard characteristics described in this section are mentioned as a characteristic example of
the 7470/7471/7477/7478 group but not guaranteed by us. For standard values, refer to “1.20.1 Electrical
characteristics.”
Figure 1.20.10 shows the port standard characteristic measuring circuits.
Fig. 1.20.10 Port standard characteristic measuring circuits
IOL
A
VCC
VSS
P00
M3747x
IOH
VCC
VSS
P00
M3747x
A
VCC
VSS
P00
M3747x
IIL
1
IOH–VOH characteristic
measuring circuit
0 V to 5.5 V
A
0 V to 5.5 V
2
IOL–VOL characteristic
measuring circuit
3
IIL–VIL characteristic
measuring circuit
0 V to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com