Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 223Page - Renesas Technology Corp 7477 Datasheet HTML 224Page - Renesas Technology Corp 7477 Datasheet HTML 225Page - Renesas Technology Corp 7477 Datasheet HTML 226Page - Renesas Technology Corp 7477 Datasheet HTML 227Page - Renesas Technology Corp 7477 Datasheet HTML 228Page - Renesas Technology Corp 7477 Datasheet HTML 229Page - Renesas Technology Corp 7477 Datasheet HTML 230Page - Renesas Technology Corp 7477 Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 354 page
background image
1-210
HARDWARE
1.20 Electrical characteristics
7470/7471/7477/7478 GROUP USER’S MANUAL
(2) 7477/7478 group port standard characteristic
Figure 1.20.14 to Figure 1.20.16 show the port standard characteristics of the 7477/7478 group.
Fig. 1.20.14 IOH – VOH characteristics of programmable I/O port (CMOS output)
P-channel side (7477/7478 group)
Fig. 1.20.15 IOL – VOL characteristics of programmable I/O port (CMOS)
N-channel side (7477/7478 group)
0.0
–1.0
–2.0
–3.0
–4.0
–5.0
0.0
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
VCC = 5 V
VCC = 3 V
[Measuring condition : Port P0 0, 25
°C]
“H” output voltage V
–VCC [V]
OH
5.0
4.0
3.0
2.0
1.0
0.0
10.0
20.0
30.0
40.0
50.0
60.0
VCC = 5 V
VCC = 3 V
[Measuring condition : Port P0 0, 25
°C]
“L” output voltage V
[V]
OL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com