Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 227Page - Renesas Technology Corp 7477 Datasheet HTML 228Page - Renesas Technology Corp 7477 Datasheet HTML 229Page - Renesas Technology Corp 7477 Datasheet HTML 230Page - Renesas Technology Corp 7477 Datasheet HTML 231Page - Renesas Technology Corp 7477 Datasheet HTML 232Page - Renesas Technology Corp 7477 Datasheet HTML 233Page - Renesas Technology Corp 7477 Datasheet HTML 234Page - Renesas Technology Corp 7477 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 354 page
background image
1-214
HARDWARE
1.20 Electrical characteristics
7470/7471/7477/7478 GROUP USER’S MANUAL
(2) Absolute precision
Figure 1.20.19 to Figure 1.20.23 show the A-D conversion standard characteristics on the absolute
precision of the 7470/7471/7477/7478 group.
In the graph, the lower line indicates a deviation from the ideal value at the point where the output
code changes, namely, absolute precision error (ERROR). For example, in Figure 1.20.17, the change
of “3F16 to 4016” of the output code occurs ideally at the point of IN0 = 762 mV. However, since the
absolute precision error is -8.4 mV, “762 - 8.4 = 753.6 mV represents the measuring change point.
In the graph, the upper line indicates an input voltage with (1 LSB WIDTH) in which the output code
is the same. For example, since the measured value of input voltage width, when the output code
is “3F16”, is 10.8 mV, the differential nonlinear error represents “10.8 - 12 = -1.2 mV (-0.1 LSB).
Fig. 1.20.19 A-D conversion standard characteristics, absolute precision error (1)
0
-2LSB
STEP No.
VCC = 3.1 [V] ,
XIN = 4.0 [MHZ] ,
Temp. = 25.0 [deg. C]
: 1LSB WIDTH
: ERROR
Absolute precision
VREF = 3.072 [V]
ANALOG INPUT
IN0
VVV M37471M8 A/D CONV. ERROR & STEP WIDTH VVV
24
12
36
0
-24
-36
-12
24
12
36
0
-24
-36
-12
8
162432
40485664
72808896
104
112
120
128
128
-2LSB
STEP No.
136
144
152
160
168
176
184
192
200
208
216
224
232
240
248
256
24 +2LSB
36
12
0
24 +2LSB
36
12
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com