Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 236Page - Renesas Technology Corp 7477 Datasheet HTML 237Page - Renesas Technology Corp 7477 Datasheet HTML 238Page - Renesas Technology Corp 7477 Datasheet HTML 239Page - Renesas Technology Corp 7477 Datasheet HTML 240Page - Renesas Technology Corp 7477 Datasheet HTML 241Page - Renesas Technology Corp 7477 Datasheet HTML 242Page - Renesas Technology Corp 7477 Datasheet HTML 243Page - Renesas Technology Corp 7477 Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 354 page
background image
2-5
7470/7471/7477/7478 GROUP USER’S MANUAL
APPLICATION
2.1 I/O pins
7470
7471
7477
7478
Control register
Timer 12 mode register (T12M: Address 00F816)
Timer 34 mode register (T34M: Address 00F916)
A-D control register (ADCON: Address 00D916)
A-D control register
A-D control register
A-D control register
A-D control register
A-D control register
A-D control register
A-D control register
Edge polarity selection register (EG: Address 00D416)
Edge polarity selection register
Edge polarity selection register, Timer 12 mode register
Edge polarity selection register, Timer 34 mode register
CPU mode register (CPUM: Address 00FB16)
CPU mode register
7470/7471 group
Serial I/O mode register
(SM: Address 00DC 16)
Serial I/O mode register
Serial I/O mode register
Serial I/O mode register
2.1.2 Notes on use
When using I/O pins, take the following points into consideration.
(1) Double function ports
Table 2.1.4 shows double function ports. For setting, refer to a structure of each register.
Table 2.1.4 Double function port and control register
Pin
P12
P13
P14
P15
P16
P17
P20
P21
P22
P23
P24
P25
P26
P27
P30
P31
P32
P33
P50
P51
Double function port
T0
T1
SRDY
IN0
IN1
IN2
IN3
IN4
IN5
IN6
IN7
INT0
INT1
CNTR0
CNTR1
XCIN
XCOUT
7470/7471 group
SIN
SOUT
CLK
7477/7478 group
RXD
TXD
SCLK
7477/7478 group
Serial I/O control register
(SIOSTS: Address 00E216)
Serial I/O control register
Serial I/O control register
Serial I/O control register
Note: In the 7470/7477 group, P2 is 4 bits of b0 to b3. The 7470/7477 group is not provided with P5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com