Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 237Page - Renesas Technology Corp 7477 Datasheet HTML 238Page - Renesas Technology Corp 7477 Datasheet HTML 239Page - Renesas Technology Corp 7477 Datasheet HTML 240Page - Renesas Technology Corp 7477 Datasheet HTML 241Page - Renesas Technology Corp 7477 Datasheet HTML 242Page - Renesas Technology Corp 7477 Datasheet HTML 243Page - Renesas Technology Corp 7477 Datasheet HTML 244Page - Renesas Technology Corp 7477 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
2-6
APPLICATION
2.1 I/O pins
7470
7471
7477
7478
(2)Description of Pull-up control
When pulling up a port by software, take the following points into consideration.
q When P1 is used in the serial I/O mode, the pull-up settings corresponding to P14 to P17 are
invalidated. (Pull-up is impossible.)
q Pull-up control is exerted in the following bit units.
P0
: 1-bit unit
P1 to P5
: 4-bit unit
When using an external pull-up resistor and software pull-up control for the same port in combined
form, use P0, which can be controlled in bit units.
(3)Notes on external circuit design for I/O ports
1 When designing an external circuit for I/O ports, be sure to set the following items within the
standard value range.
q Sum output current
q Peak output current
q Average output current
Figure 2.1.2 shows the example of external circuit design for I/O port.
Fig. 2.1.2 Example of external circuit design for I/O port
2 When performing multiple key-in operations by forming a key matrix, design in consideration of
the port input current for multiple key-in operations.
2 For other notes, refer to “1.10 I/O Pins.”
M3747x
P00
R0=250
Ω
IOL0=12 mA
P02
P01
R1=250
Ω
R2=250
Ω
IOL2=12 mA
IOL1=12 mA
10 ms
10 ms
VCC=5 V
“L” average output current (within 100 ms)
12 mA!10 ms!5
“L” sum output current
IOL0
+IOL1+IOL2=36 mA
<
“L” peak output current
IOL0
=IOL1=IOL2=12 mA
<
= 6 mA <
100 ms
Maximum standard value
60 mA
20 mA
10 mA
V
V
V
V: LED (VF= 2 V) used
Ports P00 – P02
Timing of LED on
(duty ratio: 50 %)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com