Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 257Page - Renesas Technology Corp 7477 Datasheet HTML 258Page - Renesas Technology Corp 7477 Datasheet HTML 259Page - Renesas Technology Corp 7477 Datasheet HTML 260Page - Renesas Technology Corp 7477 Datasheet HTML 261Page - Renesas Technology Corp 7477 Datasheet HTML 262Page - Renesas Technology Corp 7477 Datasheet HTML 263Page - Renesas Technology Corp 7477 Datasheet HTML 264Page - Renesas Technology Corp 7477 Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
2-26
APPLICATION
2.4 Serial I/O
7470
7471
7477
7478
(2)Byte specification mode
Outline: Among the 7470/7471 group, transfer is performed for two or more microcomputers by
using the clock synchronous byte specification mode.
Specifications: Transmit side M3747x
1
• Synchronous clock: f(XIN)/32
• Port P17 is used as an SRDY signal input pin.
• Port P10 is used as an transmit preparation command signal output pin.
Receive side M3747x
2 , M3747x3 , M3747x4
• Synchronous clock: External clock
• SARDY signal output
• Port P10 is used as an transmit preparation command signal output pin.
Figure 2.4.4 shows an example of connections and Figure 2.4.5 and 2.4.6 show an example of
control procedure.
Fig. 2.4.4 Example of connections [Byte specification mode, 7470/7471 group]
,,
××
0
0
00
11
1
0
P17
CLK
SOUT
P10
11
1
1
10
0
0
CLK
SIN
P10
SRDY(SARDY)
11
1
1
10
0
0
CLK
SIN
P10
1
1
11
10
0
0
CLK
SIN
P10
SARDY
CLK
SRDY(SARDY)
SRDY(SARDY)
Transmit side (M3747x
1)
Serial I/O mode register
• Set port P17 as an input
• Connect a pull-up transistor to port P1 7
• Set port P10 as an output
(Port P10: Transmit preparation
command signal)
Serial I/O mode register
Serial I/O mode register
Serial I/O mode register
Receive side 1 (M3747x
2)
Receive side 2 (M3747x
3)
Receive side 3 (M3747x
4)
Byte counter (Initial value) = 0
Byte counter (Initial value) = 1
Byte counter (Initial value) = 2
Serial data
Transmit/receive preparation command signal
• Set port P10 as an input
(Port P10: Transmit/receive preparation
command signal)
• Set port P14 as an input
• Set port P10 as an input
(Port P10: Transmit/receive preparation
command signal)
• Set port P14 as an input
• Set port P10 as an input
(Port P10: Transmit/receive preparation
command signal)
• Set port P14 as an input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com