Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 261Page - Renesas Technology Corp 7477 Datasheet HTML 262Page - Renesas Technology Corp 7477 Datasheet HTML 263Page - Renesas Technology Corp 7477 Datasheet HTML 264Page - Renesas Technology Corp 7477 Datasheet HTML 265Page - Renesas Technology Corp 7477 Datasheet HTML 266Page - Renesas Technology Corp 7477 Datasheet HTML 267Page - Renesas Technology Corp 7477 Datasheet HTML 268Page - Renesas Technology Corp 7477 Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
2-30
APPLICATION
2.4 Serial I/O
7470
7471
7477
7478
××
,,
2.4.4 Application examples
(1) Clock synchronous serial I/O mode
Outline: Clock synchronous communication is performed among the 7477/7478 group.
Specifications: M3747x
1……Transmit side in half-duplex communication.
• Synchronous clock: BRG output (f(XIN)/4 or f(XIN)/16)/4.
_________
• Port P17 is used as an SRDY signal input pin.
M3747x
2……Receive side in half-duplex communication
• Synchronous clock: External clock
_________
• SRDY signal output
Figure 2.4.8 shows an example of connections and Figure 2.4.9 shows an example of control
procedure.
Fig. 2.4.8 Example of connections [Clock synchronous serial I/O mode, 7477/7478 group]
P17
SCLK
SRDY
RxD
SCLK
TxD
RxD
TxD
M3747x
1
M3747x
2
Use
→ Full-duplex communication
No use
→ Half-duplex communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com