Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 291 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 291 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 287Page - Renesas Technology Corp 7477 Datasheet HTML 288Page - Renesas Technology Corp 7477 Datasheet HTML 289Page - Renesas Technology Corp 7477 Datasheet HTML 290Page - Renesas Technology Corp 7477 Datasheet HTML 291Page - Renesas Technology Corp 7477 Datasheet HTML 292Page - Renesas Technology Corp 7477 Datasheet HTML 293Page - Renesas Technology Corp 7477 Datasheet HTML 294Page - Renesas Technology Corp 7477 Datasheet HTML 295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
2-56
APPLICATION
2.10 Notes on programming
7470
7471
7477
7478
2.10 Notes on programming
2.10.1 Processor status register
Fig. 2.10.1 Initialization of flags in PS
(2) How to reference the processor status
register
To reference the contents of the processor
status register (PS), execute the PHP instruction
once then read the contents of (S + 1). If
necessary, execute the PLP instruction to return
the PS to its original status. A NOP instruction
should be executed after every PLP instruction.
(1) Initialization of processor status register
After a reset, the contents of the processor
status register (PS) are undefined except for
the I flag which is “1.” Therefore, flags which
affect program execution must be initialized
after a reset.
In particular, it is essential to initialize the T
and D flags because they have an important
effect on calculations.
Fig. 2.10.2 Stack memory contents after PHP
instruction execution
Fig. 2.10.3 Note to execute by PLP instruction
,,,,
Main program
Flags initializing
Reset
NOP instruction
PLP instruction
Saved PS
(S)
(S) + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com