Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 292 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 292 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 288Page - Renesas Technology Corp 7477 Datasheet HTML 289Page - Renesas Technology Corp 7477 Datasheet HTML 290Page - Renesas Technology Corp 7477 Datasheet HTML 291Page - Renesas Technology Corp 7477 Datasheet HTML 292Page - Renesas Technology Corp 7477 Datasheet HTML 293Page - Renesas Technology Corp 7477 Datasheet HTML 294Page - Renesas Technology Corp 7477 Datasheet HTML 295Page - Renesas Technology Corp 7477 Datasheet HTML 296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 354 page
background image
2-57
7470/7471/7477/7478 GROUP USER’S MANUAL
APPLICATION
2.10 Notes on programming
7470
7471
7477
7478
2.10.2 Decimal calculations
(1) Execution of decimal calculations
The ADC and SBC are the only instructions
which will yield proper decimal results in decimal
mode. To calculate in decimal notation, set
the decimal mode flag (D) to “1” with the SED
instruction. After executing the ADC or SBC
instruction, execute another instruction before
executing the SEC, CLC, or CLD instruction.
(2) Note on flags in decimal mode
When decimal mode is selected, the values of
three of the flags in the status register (the N,
V, and Z flags) are invalid after a ADC or SBC
instruction is executed.
The Carry flag (C) is set to “1” if a carry is
generated as a result of the calculation, or is
cleared to “0” if a borrow is generated. To
determine whether a calculation has generated
a carry, the C flag must be initialized to “0”
before each calculation. To check for a bor-
row, the C flag must be initialized before each
calculation.
Fig. 2.10.4 Note for decimal operation
,,,,
2 For other notes, refer to the notes described in
each section.
Set D Flag to “1”
ADC or SBC instruction
NOP instruction
SEC, CLC, or CLD instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com