Electronic Components Datasheet Search
  English  ▼

X  

MPC5554MZP112 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5554MZP112
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MZP112 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5554MZP112 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
Ordering Information
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Freescale Semiconductor
3
2
Ordering Information
Figure 1. MPC5500 Family Part Number Example
Unless noted in this data sheet, all specifications apply from TL to TH.
Table 1. Orderable Part Numbers
Freescale Part Number1
1 All devices are PPC5554, rather than MPC5554, until product qualifications are complete. Not all configurations are available in
the PPC parts.
Package Description
Speed (MHz)
Operating Temperature 2
2 The lowest ambient operating temperature is referenced by T
L; the highest ambient operating temperature is referenced by TH.
Nominal
Max. 3 (fMAX)
3
Speed is the nominal maximum frequency. Max. speed is the maximum speed allowed including frequency modulation (FM).
82 MHz parts allow for 80 MHz system clock + 2% FM; 114 MHz parts allow for 112 MHz system clock + 2% FM; and132 MHz
parts allow for 128 MHz system clock + 2% FM.
Min. (TL)Max. (TH)
MPC5554MVR132
MPC5554 416 package
Lead-free (PbFree)
132
132
–40° C
125° C
MPC5554MVR112
112
114
MPC5554MVR80
80
82
MPC5554AVR132
132
132
–55° C
125° C
MPC5554MZP132
MPC5554 416 package
Leaded (SnPb)
132
132
–40° C
125° C
MPC5554MZP112
112
114
MPC5554MZP80
80
82
MPC5554AZP132
132
132
–55° C
125° C
MPC
M
80 R
Qualification status
Core code
Device number
Temperature range
Package identifier
Operating frequency (MHz)
Tape and reel status
Temperature Range
M = –40° C to 125° C
A = –55° C to 125° C
Package Identifier
ZP = 416PBGA SnPb
VR = 416PBGA Pb-free
Operating Frequency
80 = 80 MHz
112 = 112 MHz
132 = 132 MHz
Tape and Reel Status
R2 = Tape and reel
(blank) = Trays
Qualification Status
P = Pre qualification
M = Fully spec. qualified
5554
ZP
Note: Not all options are available on all devices. Refer to Table 1.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com