Electronic Components Datasheet Search
  English  ▼

X  

MPC5554MZP112 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC5554MZP112
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MZP112 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC5554MZP112 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
Electrical Characteristics
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Freescale Semiconductor
39
9
Data setup time for inputs
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA = 0)7
Master (MTFE = 1, CPHA = 1)
tSUI
20
2
–4
20
—
—
—
—
20
2
3
20
—
—
—
—
20
2
6
20
—
—
—
—
ns
ns
ns
ns
10
Data hold time for inputs
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA = 0)7
Master (MTFE = 1, CPHA = 1)
tHI
–4
7
21
–4
—
—
—
—
–4
7
14
–4
—
—
—
—
–4
7
12
–4
—
—
—
—
ns
ns
ns
ns
11
Data valid (after SCK edge)
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA = 0)
Master (MTFE = 1, CPHA = 1)
tSUO
—
—
—
—
5
25
18
5
—
—
—
—
5
25
14
5
—
—
—
—
5
25
13
5
ns
ns
ns
ns
12
Data hold time for outputs
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA = 0)
Master (MTFE = 1, CPHA = 1)
tHO
–5
5.5
8
–5
—
—
—
—
–5
5.5
4
–5
—
—
—
—
–5
5.5
3
–5
—
—
—
—
ns
ns
ns
ns
1 All DSPI timing specifications use the fastest slew rate (SRC = 0b11) on pad type M or MH. DSPI signals using pad types
of S or SH have an additional delay based on the slew rate. DSPI timing is specified at: VDDEH = 3.0–5.25 V;TA = TL to TH;
and CL = 50 pF with SRC = 0b11.
2 Speed is the nominal maximum frequency. Max. speed is the maximum speed allowed including frequency modulation (FM).
82 MHz parts allow for 80 MHz system clock + 2% FM; 114 MHz parts allow for 112 MHz system clock + 2% FM; and
132 MHz parts allow for 128 MHz system clock + 2% FM.
3 The minimum SCK cycle time restricts the baud rate selection for the given system clock rate.
These numbers are calculated based on two MPC55xx devices communicating over a DSPI link.
4 The actual minimum SCK cycle time is limited by pad performance.
5 The maximum value is programmable in DSPI_CTARx[PSSCK] and DSPI_CTARx[CSSCK].
6 The maximum value is programmable in DSPI_CTARx[PASC] and DSPI_CTARx[ASC].
7 This number is calculated using the SMPL_PT field in DSPI_MCR set to 0b10.
Table 26. DSPI Timing1’ 2 (continued)
Spec
Characteristic
Symbol
80 MHz
112 MHz
132 MHz
Unit
Min.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com