Electronic Components Datasheet Search
  English  ▼

X  

MPC5554MZP112 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC5554MZP112
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MZP112 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC5554MZP112 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
Electrical Characteristics
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Freescale Semiconductor
19
3.8.2
I/O Pad VDD33 Current Specifications
The power consumption of the VDD33 supply dependents on the usage of the pins on all I/O segments. The
power consumption is the sum of all input and output pin VDD33 currents for all I/O segments. The output
pin VDD33 current can be calculated from Table 11 based on the voltage, frequency, and load on all fast
(pad_fc) pins. The input pin VDD33 current can be calculated from Table 11 based on the voltage,
frequency, and load on all pad_sh and pad_mh pins. Use linear scaling to calculate pin currents for voltage,
frequency, and load parameters that fall outside the values given in Table 11.
Table 11. VDD33 Pad Average DC Current (TA = TL to TH)
1
1 These values are estimated from simulation and not tested. Currents apply to output pins for the fast pads only and to input
pins for the slow and medium pads only.
Spec
Pad Type
Symbol
Frequency
(MHz)
Load 2
(pF)
2 All loads are lumped.
VDD33
(V)
VDDE
(V)
Drive
Select
Current
(mA)
Inputs
1Slow
I33_SH
66
0.5
3.6
5.5
NA
0.003
2
Medium
I33_MH
66
0.5
3.6
5.5
NA
0.003
Outputs
3
Fast
I33_FC
66
10
3.6
3.6
00
0.35
466
20
3.6
3.6
01
0.53
566
30
3.6
3.6
10
0.62
666
50
3.6
3.6
11
0.79
7
66
10
3.6
1.98
00
0.35
8
66
20
3.6
1.98
01
0.44
9
66
30
3.6
1.98
10
0.53
10
66
50
3.6
1.98
11
0.70
11
56
10
3.6
3.6
00
0.30
12
56
20
3.6
3.6
01
0.45
13
56
30
3.6
3.6
10
0.52
14
56
50
3.6
3.6
11
0.67
15
56
10
3.6
1.98
00
0.30
16
56
20
3.6
1.98
01
0.37
17
56
30
3.6
1.98
10
0.45
18
56
50
3.6
1.98
11
0.60
19
40
10
3.6
3.6
00
0.21
20
40
20
3.6
3.6
01
0.31
21
40
30
3.6
3.6
10
0.37
22
40
50
3.6
3.6
11
0.48
23
40
10
3.6
1.98
00
0.21
24
40
20
3.6
1.98
01
0.27
25
40
30
3.6
1.98
10
0.32
26
40
50
3.6
1.98
11
0.42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com