Electronic Components Datasheet Search
  English  ▼

X  

MPC5554MZP112 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC5554MZP112
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MZP112 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC5554MZP112 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Electrical Characteristics
Freescale Semiconductor
18
3.8.1
I/O Pad Current Specifications
The power consumption of an I/O segment depends on the usage of the pins on a particular segment. The
power consumption is the sum of all output pin currents for a segment. The output pin current can be
calculated from Table 10 based on the voltage, frequency, and load on the pin. Use linear scaling to
calculate pin currents for voltage, frequency, and load parameters that fall outside the values given in
Table 10.
Table 10. I/O Pad Average DC Current (TA = TL to TH)
1
1 These values are estimates from simulation and are not tested. Currents apply to output pins only.
Spec
Pad Type
Symbol
Frequency
(MHz)
Load2 (pF)
2 All loads are lumped.
Voltage (V)
Drive Select /
Slew Rate
Control Setting
Current (mA)
1
Slow
IDRV_SH
25
50
5.25
11
8.0
210
50
5.25
01
3.2
3
2
50
5.25
00
0.7
4
2
200
5.25
00
2.4
5
Medium
IDRV_MH
50
50
5.25
11
17.3
620
50
5.25
01
6.5
7
3.33
50
5.25
00
1.1
8
3.33
200
5.25
00
3.9
9
Fast
IDRV_FC
66
10
3.6
00
2.8
10
66
20
3.6
01
5.2
11
66
30
3.6
10
8.5
12
66
50
3.6
11
11.0
13
66
10
1.98
00
1.6
14
66
20
1.98
01
2.9
15
66
30
1.98
10
4.2
16
66
50
1.98
11
6.7
17
56
10
3.6
00
2.4
18
56
20
3.6
01
4.4
19
56
30
3.6
10
7.2
20
56
50
3.6
11
9.3
21
56
10
1.98
00
1.3
22
56
20
1.98
01
2.5
23
56
30
1.98
10
3.5
24
56
50
1.98
11
5.7
25
40
10
3.6
00
1.7
26
40
20
3.6
01
3.1
27
40
30
3.6
10
5.1
28
40
50
3.6
11
6.6
29
40
10
1.98
00
1.0
30
40
20
1.98
01
1.8
31
40
30
1.98
10
2.5
32
40
50
1.98
11
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com