Electronic Components Datasheet Search
  English  ▼

X  

MPC5554MZP112 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC5554MZP112
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MZP112 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC5554MZP112 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Electrical Characteristics
Freescale Semiconductor
8
The thermal characterization parameter is measured in compliance with the JESD51-2 specification using
a 40-gauge type T thermocouple epoxied to the top center of the package case. Position the thermocouple
so that the thermocouple junction rests on the package. Place a small amount of epoxy on the thermocouple
junction and approximately 1 mm of wire extending from the junction. Place the thermocouple wire flat
against the package case to avoid measurement errors caused by the cooling effects of the thermocouple
wire.
References:
Semiconductor Equipment and Materials International
3081 Zanker Rd.
San Jose, CA., 95134
(408) 943-6900
MIL-SPEC and EIA/JESD (JEDEC) specifications are available from Global Engineering Documents at
800-854-7179 or 303-397-7956.
JEDEC specifications are available on the web at http://www.jedec.org.
1. C.E. Triplett and B. Joiner, “An Experimental Characterization of a 272 PBGA Within an Automotive
Engine Controller Module,” Proceedings of SemiTherm, San Diego, 1998, pp. 47–54.
2. G. Kromann, S. Shidore, and S. Addison, “Thermal Modeling of a PBGA for Air-Cooled Applica-
tions,” Electronic Packaging and Production, pp. 53–58, March 1998.
3. B. Joiner and V. Adams, “Measurement and Simulation of Junction to Board Thermal Resistance and
Its Application in Thermal Modeling,” Proceedings of SemiTherm, San Diego, 1999, pp. 212–220.
3.3
Package
The MPC5554 is available in packaged form. Read the package options in Section 2, “Ordering
Information.” Refer to Section 4, “Mechanicals,” for pinouts and package drawings.
3.4
EMI (Electromagnetic Interference) Characteristics
Table 4. EMI Testing Specifications 1
1 EMI testing and I/O port waveforms per SAE J1752/3 issued 1995-03. Qualification testing was performed on the MPC5554
and applied to the MPC5500 family as generic EMI performance data.
Spec
Characteristic
Minimum
Typical
Maximum
Unit
1
Scan range
0.15
—
1000
MHz
2
Operating frequency
—
—
fMAX
MHz
3VDD operating voltages
—
1.5
—
V
4VDDSYN, VRC33, VDD33, VFLASH, VDDE operating voltages
—
3.3
—
V
5VPP, VDDEH, VDDA operating voltages
—
5.0
—
V
6
Maximum amplitude
—
—
14 2
32 3
2 Measured with the single-chip EMI program.
3 Measured with the expanded EMI program.
dBuV
7
Operating temperature
—
—
25
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com