Electronic Components Datasheet Search
  English  ▼

X  

MPC5554MZP112 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC5554MZP112
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MZP112 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC5554MZP112 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
Electrical Characteristics
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Freescale Semiconductor
15
30
Operating current VDDE supplies:
13
VDDEH1
VDDE2
VDDE3
VDDEH4
VDDE5
VDDEH6
VDDE7
VDDEH8
VDDEH9
IDD1
IDD2
IDD3
IDD4
IDD5
IDD6
IDD7
IDD8
IDD9
—
—
—
—
—
—
—
—
—
Refer to
Footnote 13
mA
mA
mA
mA
mA
mA
mA
mA
mA
31
Fast I/O weak pullup current 14
1.62–1.98 V
2.25–2.75 V
3.00–3.60 V
IACT_F
10
20
20
110
130
170
μA
μA
μA
Fast I/O weak pulldown current 14
1.62–1.98 V
2.25–2.75 V
3.00–3.60 V
10
20
20
100
130
170
μA
μA
μA
32
Slow and medium I/O weak pullup/down current 14
3.0–3.6 V
4.5–5.5 V
IACT_S
10
20
150
170
μA
μA
33
I/O input leakage current 15
IINACT_D
–2.5
2.5
μA
34
DC injection current (per pin)
IIC
–2.0
2.0
mA
35
Analog input current, channel off 16
IINACT_A
–150
150
nA
35a Analog input current, shared analog / digital pins
(AN[12], AN[13], AN[14], AN[15])
IINACT_AD
–2.5
2.5
μA
36
VSS to VSSA differential voltage
17
VSS – VSSA
–100
100
mV
37
Analog reference low voltage
VRL
VSSA – 0.1
VSSA + 0.1
V
38
VRL differential voltage
VRL – VSSA
–100
100
mV
39
Analog reference high voltage
VRH
VDDA – 0.1
VDDA + 0.1
V
40
VREF differential voltage
VRH – VRL
4.5
5.25
V
41
VSSSYN to VSS differential voltage
VSSSYN – VSS
–50
50
mV
42
VRCVSS to VSS differential voltage
VRCVSS – VSS
–50
50
mV
43
VDDF to VDD differential voltage
VDDF – VDD
–100
100
mV
43a VRC33 to VDDSYN differential voltage
VRC33 – VDDSYN
–0.1
0.1 18
V
44
Analog input differential signal range (with common mode 2.5 V)
VIDIFF
–2.5
2.5
V
45
Operating temperature range, ambient (packaged)
TA = (TL to TH)TL
TH
οC
46
Slew rate on power-supply pins
—
—
50
V/ms
1 V
DDE2 and VDDE3 are limited to 2.25–3.6 V only if SIU_ECCR[EBTS] = 0; VDDE2 and VDDE3 have a range of 1.6–3.6 V if
SIU_ECCR[EBTS] = 1.
Table 9. DC Electrical Specifications (TA = TL to TH) (continued)
Spec
Characteristic
Symbol
Min
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com