Electronic Components Datasheet Search
  English  ▼

X  

MPC5554MZP112 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5554MZP112
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MZP112 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5554MZP112 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Contents
© Freescale Semiconductor, Inc., 2008. All rights reserved.
Document Number: MPC5554
Rev. 3.0, 11/2008
This document provides electrical specifications, pin
assignments, and package diagrams for the MPC5554
microcontroller device. For functional characteristics,
refer to the MPC5553/MPC5554 Microcontroller
Reference Manual.
1
Overview
The MPC5554 microcontroller (MCU) is a member of
the MPC5500 family of microcontrollers built on the
Power Architecture™ embedded technology. This
family of parts has many new features coupled with high
performance CMOS technology to provide substantial
reduction of cost per feature and significant performance
improvement over the MPC500 family.
The host processor core of this device complies with the
Power Architecture embedded category that is 100%
user-mode compatible (including floating point library)
with the original Power PC™ user instruction set
architecture (UISA). The embedded architecture
enhancements improve the performance in embedded
applications. The core also has additional instructions,
including digital signal processing (DSP) instructions,
beyond the original Power PC instruction set.
1
Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
3
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 4
3.1
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3.2
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . 5
3.3
Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
3.4
EMI Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 8
3.5
ESD Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 9
3.6
VRC and POR Electrical Specifications . . . . . . . . . 9
3.7
Power-Up/Down Sequencing. . . . . . . . . . . . . . . . . 10
3.8
DC Electrical Specifications . . . . . . . . . . . . . . . . . 13
3.9
Oscillator and FMPLL Electrical Characteristics . . 20
3.10 eQADC Electrical Characteristics . . . . . . . . . . . . . 22
3.11 H7Fa Flash Memory Electrical Characteristics . . . 23
3.12 AC Specifications . . . . . . . . . . . . . . . . . . . . . . . . . 24
3.13 AC Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
4
Mechanicals. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
4.1
MPC5554 416 PBGA Pinout . . . . . . . . . . . . . . . . . 45
4.2
MPC5554 416-Pin Package Dimensions . . . . . . . 48
5
Revision History for the MPC5554 Data Sheet . . . . . . . 50
5.1
Changes to Revision 2 in Revision 3 . . . . . . . . . . . 50
MPC5554
Microcontroller Data Sheet
by: Microcontroller Division


Similar Part No. - MPC5554MZP112

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5554MZP112 FREESCALE-MPC5554MZP112 Datasheet
858Kb / 50P
Microcontroller
MPC5554MZP112 FREESCALE-MPC5554MZP112 Datasheet
2Mb / 58P
Microcontroller
logo
NXP Semiconductors
MPC5554MZP112 NXP-MPC5554MZP112 Datasheet
2Mb / 58P
MPC5554 Microcontroller Data Sheet
Rev. 4, May 2012
MPC5554MZP112R2 NXP-MPC5554MZP112R2 Datasheet
2Mb / 58P
MPC5554 Microcontroller Data Sheet
Rev. 4, May 2012
More results

Similar Description - MPC5554MZP112

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com