Electronic Components Datasheet Search
  English  ▼

X  

MPC5554MZP112 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MPC5554MZP112
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MZP112 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MPC5554MZP112 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
Electrical Characteristics
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Freescale Semiconductor
31
3.13.3
Nexus Timing
Figure 10. Nexus Output Timing
Table 21. Nexus Debug Port Timing 1
1 JTAG specifications apply when used for debug functionality. All Nexus timing relative to MCKO is measured from 50% of
MCKO and 50% of the respective signal. Nexus timing specified at VDD = 1.35–1.65 V, VDDE = 2.25–3.6 V,
VDD33 and VDDSYN = 3.0–3.6 V, TA = TL to TH, and CL = 30 pF with DSC = 0b10.
Spec
Characteristic
Symbol
Min.
Max.
Unit
1
MCKO cycle time
tMCYC
22
2 The Nexus AUX port runs up to 82 MHz.
8tCYC
2
MCKO duty cycle
tMDC
40
60
%
3
MCKO low to MDO data valid 3
3 MDO, MSEO, and EVTO data is held valid until the next MCKO low cycle occurs.
tMDOV
–1.5
3.0
ns
4
MCKO low to MSEO data valid 3
tMSEOV
–1.5
3.0
ns
5
MCKO low to EVTO data valid 3
tEVTOV
–1.5
3.0
ns
6
EVTI pulse width
tEVTIPW
4.0
—
tTCYC
7
EVTO pulse width
tEVTOPW
1—
tMCYC
8
TCK cycle time
tTCYC
4 4
4 Limit the maximum frequency to approximately 16 MHz (V
DDE = 2.25–3.0 V) or 20 MHz (VDDE = 3.0–3.6 V) to meet the timing
specification for tJOV of [0.2 x tJCYC] as outlined in the IEEE-ISTO 5001-2003 specification.
—tCYC
9
TCK duty cycle
tTDC
40
60
%
10
TDI, TMS data setup time
tNTDIS, tNTMSS
8—
ns
11
TDI, TMS data hold time
tNTDIH, tNTMSH
5—
ns
12
TCK low to TDO data valid
tJOV
VDDE = 2.25–3.0 V
0
12
ns
VDDE = 3.0–3.6 V
0
10
ns
13
RDY valid to MCKO 5
5 The RDY pin timing is asynchronous to MCKO and is guaranteed by design to function correctly.
——
—
—
1
2
3
4
5
MCKO
MDO
MSEO
EVTO
Output Data Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com