Electronic Components Datasheet Search
  English  ▼

X  

MPC5554MZP112 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC5554MZP112
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MZP112 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC5554MZP112 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 54Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
Revision History for the MPC5554 Data Sheet
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Freescale Semiconductor
51
Table 5 ESD Ratings:
Changed footnote 2 from:
• ‘Device failure is defined as: ‘If after exposure to ESD pulses, the device no longer meets the device specification
requirements. Complete DC parametric and functional testing will be performed per applicable device
specification at room temperature followed by hot temperature, unless specified otherwise in the device
specification.’
to:
• Device failure is defined as: ‘If after exposure to ESD pulses, the device does not meet the device specification
requirements, which includes the complete DC parametric and functional testing at room temperature and hot
temperature.
Table 6 VCR/POR Electrical Specifications:
• Added footnote 1 to specs 1, 2, and 3 that reads: The internal POR signals are VPOR15, VPOR33, and VPOR5.
On power up, assert RESET before the internal POR negates. RESET must remain asserted until the power
supplies are within the operating conditions as specified in Table 9 DC Electrical Specifications. On power down,
assert RESET before any power supplies fall outside the operating conditions and until the internal POR asserts.
• Reformatted columns.
Table 9 DC Electrical Specifications:
• Added footnote that reads: VDDE2 and VDDE3 are limited to 2.25–3.6 V only if SIU_ECCR[EBTS] = 0; VDDE2 and
VDDE3 have a range of 1.6–3.6 V if SIU_ECCR[EBTS] =1.
• Added (TA = TL to TH) to the table title.
Table 14 Flash Program and Erase Specifications (TA = TL to TH)
• Footnote 1, Changed ‘Typical program and erase times assume nominal supply values and operation at 25 oC’
to ‘Typical program and erase times are calculated at 25 oC operating temperature using nominal supply values..’
Table 17 Pad AC Specifications (VDDEH = 5.0 V, VDDE = 1.8 V)
• Footnote 1, changed ‘VDDEH = 4.5–5.5;’ to ‘VDDEH = 4.5–5.25;’
Table 19 Reset and Configuration Pin Timing:
• Footnote 1: Removed VDD = 1.35–1.65 V.
Table 20 JTAG Pin AC Electrical Characteristics
• Footnote 1: Removed VDD = 1.35–1.65 V, and VDD33 and VDDSYN = 3.0–3.6 V.
Table 22 Bus Operation Timing:
• External Bus Frequency in the table heading: Added footnote that reads: Speed is the nominal maximum
frequency. Max speed is the maximum speed allowed including frequency modulation (FM). 82 MHz parts allow
for 80 MHz system clock + 2% FM; 114 MHz parts allow for 112 MHz system clock + 2% FM; and 132 MHz parts
allow for 128 MHz system clock + 2% FM.
• Specifications 5, 6, 7, and 8: Reordered the EBI signals within each specification.
• Specifications 7 and 8: Removed EBI signals BDIP, OE, TSIZ[0:1], WE/BE[0:3].
• Footnote 1: Removed VDD = 1.35–1.65 V, and VDD33 and VDDSYN = 3.0–3.6 V.
• Footnote 8: Changed EBTS to SIU_ECCR[EBTS].
Table 23 External Interrupt Timing (IRQ Signals)
• Footnote 1: Removed VDD = 1.35–1.65 V; changed VDDEH = 3.0–5.5 V to VDDEH = 3.0–5.25 V.
Table 24 eTPU Timing
• Footnote 1: Changed VDDEH = 3.0–5.5 V to VDDEH = 3.0–5.25 V.
Table 25 eMIOS Timing
• Footnote 1: Changed VDDEH = 3.0–5.5 V to VDDEH = 3.0–5.25 V.
Table 28. Changes Between Rev. 2.0 and 3.0 (continued)
Location
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com