Electronic Components Datasheet Search
  English  ▼

X  

MPC5554MZP112 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MPC5554MZP112
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MZP112 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC5554MZP112 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 54Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 50 / 54 page
background image
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Revision History for the MPC5554 Data Sheet
Freescale Semiconductor
50
5
Revision History for the MPC5554 Data Sheet
The history of revisions made to this data sheet are described in this section.
5.1
Changes to Revision 2 in Revision 3
The substantive changes incorporated in MPC5554 Data Sheet Rev. 2.0 to produce Rev. 3.0 are listed in
Table 28. The changes are listed in sequential page number order.
Table 28. Changes Between Rev. 2.0 and 3.0
Location
Description of Changes
Throughout:
Changed ‘TA = TL – TH’ to ‘TA = TL to TH.’
Title page:
Changed the Revision number from 2 to 3. Changed theh date. Made the same change in the lower left corner of
the back page.
Section 1, “Overview”
• Fourth paragraph, First sentence: Deleted ‘of the MPC5500 family’; Second to last sentence: Deleted ‘can’.
• Fifth paragraph, First sentence: Replaced ‘MPC5500 family’ with ‘MPC5554’; Last sentence: Replaced ‘can be’
with ‘is’.
• Sixth paragraph, First sentence: Replaced ‘MPC5500 family’ with ‘MPC5554’;
• Second to last paragraph: Rewrote to read: The MCU has an on-chip enhanced queued dual analog-to-digital
converter (eQADC). The 416 package has 40-channels.
Section 3.2.1, “General Notes for Specifications at Maximum Junction Temperature
Updated the address of Semiconductor Equipment and Materials International
3081 Zanker Rd.
San Jose, CA., 95134
(408) 943-6900
Section 3.7, “Power-Up/Down Sequencing
Last paragraph: Changed the first sentence FROM , , , the voltage on the pins goes to high-impedance until . . .
TO. . .the pins go to a high-impedance state until . . .
Section 3.7.3, “Power-Down Sequence (VRC33 Grounded)”
Last sentence: Changed from: ‘This ensures that the digital 1.5 V logic, which is reset by the ORed POR only and
can cause the 1.5 V supply to decrease below its specification, is reset properly.’
To: ‘This ensures that the digital 1.5 V logic, which is reset only by an ORed POR and can cause the 1.5 V supply
to decrease less than its specification, resets correctly.’
Section 4.1, “MPC5554 416 PBGA Pinout”
Added the following NOTE before the 416 BGA Map:
NOTE
The MPC5500 devices are pin compatible for software portability and use the primary
function names to label the pins in the BGA diagram. Although some devices do not support
all the primary functions shown in the BGA diagram, the muxed and GPIO signals on those
pins remain available. See the signals chapter in the device reference manual for the signal
muxing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com