Electronic Components Datasheet Search
  English  ▼

X  

EPLD Datasheet(PDF) 11 Page - Altera Corporation

Part # EPLD
Description  The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPLD Datasheet(HTML) 11 Page - Altera Corporation

Back Button EPLD Datasheet HTML 7Page - Altera Corporation EPLD Datasheet HTML 8Page - Altera Corporation EPLD Datasheet HTML 9Page - Altera Corporation EPLD Datasheet HTML 10Page - Altera Corporation EPLD Datasheet HTML 11Page - Altera Corporation EPLD Datasheet HTML 12Page - Altera Corporation EPLD Datasheet HTML 13Page - Altera Corporation EPLD Datasheet HTML 14Page - Altera Corporation EPLD Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Altera Corporation
755
EP610 EPLD
Features
s
High-performance, 16-macrocell Classic EPLD
–
Combinatorial speeds with tPD as fast as 10 ns
–
Counter frequencies of up to 100 MHz
–
Pipelined data rates of up to 125 MHz
s
Programmable I/O architecture with up to 20 inputs or 16 outputs
and 2 clock pins
s
EP610 and EP610I devices are pin-, function-, and programming
file-compatible
s
Programmable clock option for independent clocking of all registers
s
Macrocells individually programmable as D, T, JK, or SR flipflops, or
for combinatorial operation
s
Available in the following packages (see Figure 7):
–
24-pin small-outline integrated circuit (plastic SOIC only)
–
24-pin ceramic and plastic dual in-line package (CerDIP and
PDIP)
–
28-pin plastic J-lead chip carrier (PLCC)
Figure 7. EP610 Package Pin-Out Diagrams
Package outlines not drawn to scale. Windows in ceramic packages only.
28-Pin PLCC
24-Pin SOIC
24-Pin DIP
I/O
I/O
I/O
I/O
I/O
I/O
NC
I/O
I/O
I/O
I/O
I/O
I/O
NC
5
6
7
8
9
10
11
4
3
2
1
28
27
26
12
13
14
15
16
17
18
25
24
23
22
21
20
19
EP610
EP610I
EP610
EP610
EP610I
EP610
CLK1
INPUT
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
INPUT
GND
VCC
INPUT
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
INPUT
CLK2
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLK1
INPUT
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
INPUT
GND
VCC
INPUT
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
INPUT
CLK2
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com