Electronic Components Datasheet Search
  English  ▼

X  

EPLD Datasheet(PDF) 26 Page - Altera Corporation

Part # EPLD
Description  The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPLD Datasheet(HTML) 26 Page - Altera Corporation

Back Button EPLD Datasheet HTML 22Page - Altera Corporation EPLD Datasheet HTML 23Page - Altera Corporation EPLD Datasheet HTML 24Page - Altera Corporation EPLD Datasheet HTML 25Page - Altera Corporation EPLD Datasheet HTML 26Page - Altera Corporation EPLD Datasheet HTML 27Page - Altera Corporation EPLD Datasheet HTML 28Page - Altera Corporation EPLD Datasheet HTML 29Page - Altera Corporation EPLD Datasheet HTML 30Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
770
Altera Corporation
Classic EPLD Family Data Sheet
Operating
Conditions
Tables 14 through 18 provide information on absolute maximum ratings,
recommended operating conditions, operating conditions, and
capacitance for EP910 and EP910I devices.
Table 14. EP910 & EP910I Device Absolute Maximum Ratings
Notes (1), (2)
Symbol
Parameter
Conditions
EP910
EP910I
Unit
Min
Max
Min
Max
VCC
Supply voltage
With respect to ground
(3)
–2.0
7.0
–2.0
7.0
V
VI
DC input voltage
–2.0
7.0
–0.5
VCC + 0.5
V
IMAX
DC VCC or ground current
–250
250
mA
IOUT
DC output current, per pin
–25
25
mA
TSTG
Storage temperature
No bias
–65
150
–65
150
° C
TAMB
Ambient temperature
Under bias
–65
135
–65
135
° C
TJ
Junction temperature
Ceramic packages, under
bias
150
150
° C
Plastic packages, under
bias
135
135
° C
Table 15. EP910 & EP910I Device Recommended Operating Conditions
Note (2)
Symbol
Parameter
Conditions
EP910
EP910I
Unit
Min
Max
Min
Max
VCC
Supply voltage
(4)
4.75 (4.5) 5.25 (5.5)
4.75
5.25
V
VI
Input voltage
–0.3
VCC + 0.3
–0.3
VCC + 0.3
V
VO
Output voltage
0
VCC
0
VCC
V
TA
Operating temperature
For commercial use
0
70
0
70
° C
For industrial use
–40
85
° C
tR
Input rise time
(5)
100 (50)
500
ns
tF
Input fall time
(5)
100 (50)
500
ns
Table 16. EP910 & EP910I Device DC Operating Conditions
Notes (6), (7)
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
High-level input voltage
2.0
VCC + 0.3
V
VIL
Low-level input voltage
–0.3
0.8
V
VOH
High-level TTL output voltage
IOH = –4 mA DC (8)
2.4
V
High-level CMOS output voltage
IOH = –0.6 mA DC (8), (9)
3.84
V
VOL
Low-level output voltage
IOL = 4 mA DC (8)
0.45
V
II
I/O leakage current of dedicated input pins VI = VCC or ground
–10
10
µA
IOZ
Tri-state output leakage current
VO = VCC or ground
–10
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com