Electronic Components Datasheet Search
  English  ▼

X  

EPLD Datasheet(PDF) 14 Page - Altera Corporation

Part # EPLD
Description  The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPLD Datasheet(HTML) 14 Page - Altera Corporation

Back Button EPLD Datasheet HTML 10Page - Altera Corporation EPLD Datasheet HTML 11Page - Altera Corporation EPLD Datasheet HTML 12Page - Altera Corporation EPLD Datasheet HTML 13Page - Altera Corporation EPLD Datasheet HTML 14Page - Altera Corporation EPLD Datasheet HTML 15Page - Altera Corporation EPLD Datasheet HTML 16Page - Altera Corporation EPLD Datasheet HTML 17Page - Altera Corporation EPLD Datasheet HTML 18Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
758
Altera Corporation
Classic EPLD Family Data Sheet
Operating
Conditions
Tables 2 through 7 provide information on absolute maximum ratings,
recommended operating conditions, operating conditions, and
capacitance for EP610 and EP610I devices.
Table 2. EP610 & EP610I Device Absolute Maximum Ratings
Notes (1), (2)
Symbol
Parameter
Conditions
EP610
EP610I
Unit
Min
Max
Min
Max
VCC
Supply voltage
With respect to ground
(3)
–2.0
7.0
–2.0
7.0
V
VI
DC input voltage
–2.0
7.0
–0.5
VCC + 0.5
V
IMAX
DC VCC or ground current
–175
175
mA
IOUT
DC output current, per pin
–25
25
mA
TSTG
Storage temperature
No bias
–65
150
–65
150
° C
TAMB
Ambient temperature
Under bias
–65
135
–65
135
° C
TJ
Junction temperature
Ceramic packages, under
bias
150
150
° C
Plastic packages, under bias
135
135
° C
Table 3. EP610 & EP610I Device Recommended Operating Conditions
Note (2)
Symbol
Parameter
Conditions
EP610
EP610I
Unit
Min
Max
Min
Max
VCC
Supply voltage
(4)
4.75 (4.5) 5.25 (5.5)
4.75
5.25
V
VI
Input voltage
–0.3
VCC + 0.3
–0.3
VCC + 0.3
V
VO
Output voltage
0
VCC
0
VCC
V
TA
Operating temperature
For commercial use
0
70
0
70
° C
For industrial use
–40
85
–40
85
° C
tR
Input rise time
(5)
100 (50)
500
ns
tF
Input fall time
(5)
100 (50)
500
ns
Table 4. EP610 & EP610I Device DC Operating Conditions
Note (6)
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
High-level input voltage
2.0
VCC + 0.3
V
VIL
Low-level input voltage
–0.3
0.8
V
VOH
High-level TTL output voltage
IOH = –4 mA DC (7)
2.4
V
High-level CMOS output voltage
IOH = –0.6 mA DC (7), (8)
3.84
V
VOL
Low-level output voltage
IOL = 4 mA DC (7)
0.45
V
II
I/O pin leakage current of dedicated input
pins
VI = VCC or ground
–10
10
µA
IOZ
Tri-state output leakage current
VO = VCC or ground
–10
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com