Electronic Components Datasheet Search
  English  ▼

X  

EPLD Datasheet(PDF) 16 Page - Altera Corporation

Part # EPLD
Description  The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPLD Datasheet(HTML) 16 Page - Altera Corporation

Back Button EPLD Datasheet HTML 12Page - Altera Corporation EPLD Datasheet HTML 13Page - Altera Corporation EPLD Datasheet HTML 14Page - Altera Corporation EPLD Datasheet HTML 15Page - Altera Corporation EPLD Datasheet HTML 16Page - Altera Corporation EPLD Datasheet HTML 17Page - Altera Corporation EPLD Datasheet HTML 18Page - Altera Corporation EPLD Datasheet HTML 19Page - Altera Corporation EPLD Datasheet HTML 20Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
760
Altera Corporation
Classic EPLD Family Data Sheet
Notes to tables:
(1)
See the Operating Requirements for Altera Devices Data Sheet in this data book.
(2)
Numbers in parentheses are for industrial-temperature-range devices.
(3)
The minimum DC input is –0.3 V. During transitions, the inputs may undershoot to –2.0 V (EP610) or
–0.5 V (EP610I) or overshoot to 7.0 V (EP610) or VCC + 0.5 V (EP610I) for input currents less than 100 mA and periods
less than 20 ns.
(4)
For EP610 devices, maximum VCC rise time is 50 ms. For EP610I devices, maximum VCC rise time is unlimited with
monotonic rise.
(5)
For EP610-15 and EP610-20 devices: tR and tF = 40 ns.
For EP610-15 and EP610-20 clocks: tR and tF = 20 ns.
(6)
These values are specified in Table 3 on page 758.
(7)
The IOH parameter refers to high-level TTL or CMOS output current; the IOL parameter refers to low-level TTL
output current.
(8)
This parameter does not apply to EP610I devices.
(9)
The device capacitance is measured at 25
° C and is sample-tested only.
(10) Typical values are for TA = 25° C and VCC = 5 V.
(11) When the Turbo Bit option is not set (non-Turbo mode), EP610 devices enter standby mode if no logic transitions
occur for 100 ns after the last transition. When the Turbo Bit option is not set, EP610I devices enter standby mode if
no logic transitions occur for 75 ns after the last transition.
(12) Measured with a device programmed as a 16-bit counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com