Electronic Components Datasheet Search
  English  ▼

X  

ATAR092 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATAR092
Description  Low-current Microcontroller for Wireless Communication
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR092 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATAR092 Datasheet HTML 10Page - ATMEL Corporation ATAR092 Datasheet HTML 11Page - ATMEL Corporation ATAR092 Datasheet HTML 12Page - ATMEL Corporation ATAR092 Datasheet HTML 13Page - ATMEL Corporation ATAR092 Datasheet HTML 14Page - ATMEL Corporation ATAR092 Datasheet HTML 15Page - ATMEL Corporation ATAR092 Datasheet HTML 16Page - ATMEL Corporation ATAR092 Datasheet HTML 17Page - ATMEL Corporation ATAR092 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 107 page
background image
14
4535E–4BMCU–05/07
ATAR092/ATAR892
VIM
Voltage Interrupt Mask bit
VIM = 0, voltage monitor interrupt is enabled
VIM = 1, voltage monitor interrupt is disabled
VMS
Voltage Monitor Status bit
VMS = 0, the voltage at the comparator input is below V
Ref
VMS = 1, the voltage at the comparator input is above V
Ref
Figure 4-10. Internal Supply Voltage Supervisor
Figure 4-11. External Input Voltage Supervisor
4.5
Clock Generation
4.5.1
Clock Module
The ATAR092/ATAR892 contains a clock module with 4 different internal oscillator types: two
RC-oscillators, one 4-MHz crystal oscillator and one 32-kHz crystal oscillator. The pins OSC1
and OSC2 are the interface to connect a crystal either to the 4-MHz, or to the 32-kHz crystal
oscillator. OSC1 can be used as input for external clocks or to connect an external trimming
resistor for the RC-oscillator 2. All necessary circuitry except the crystal and the trimming resis-
tor is integrated on-chip. One of these oscillator types or an external input clock can be selected
to generate the system clock (SYSCL).
In applications that do not require exact timing, it is possible to use the fully integrated RC-oscil-
lator 1 without any external components. The RC-oscillator 1 center frequency tolerance is
better than ±50%. The RC-oscillator 2 is a trimmable oscillator whereby the oscillator frequency
can be trimmed with an external resistor attached between OSC1 and V
DD. In this configuration,
the RC-oscillator 2 frequency can be maintained stable with a tolerance of ±15% over the full
operating temperature and voltage range.
VDD
3.0V
2.6V
2.2V
Low Threshold
High Threshold
VMS = 1
Middle Threshold
Low Threshold
High Threshold
Middle Threshold
VMS = 0
VMI
1.3V
Negative Slope
Positive Slope
Interrupt Negative Slope
Interrupt Positive Slope
Internal Reference Level
t
VMS = 1
VMS = 1
VMS = 0
VMS = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com