Electronic Components Datasheet Search
  English  ▼

X  

ATAR092 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATAR092
Description  Low-current Microcontroller for Wireless Communication
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR092 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATAR092 Datasheet HTML 28Page - ATMEL Corporation ATAR092 Datasheet HTML 29Page - ATMEL Corporation ATAR092 Datasheet HTML 30Page - ATMEL Corporation ATAR092 Datasheet HTML 31Page - ATMEL Corporation ATAR092 Datasheet HTML 32Page - ATMEL Corporation ATAR092 Datasheet HTML 33Page - ATMEL Corporation ATAR092 Datasheet HTML 34Page - ATMEL Corporation ATAR092 Datasheet HTML 35Page - ATMEL Corporation ATAR092 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 107 page
background image
32
4535E–4BMCU–05/07
ATAR092/ATAR892
Figure 5-9.
Timer 1 and Watchdog
5.3.1.1
Timer 1 Control Register 1 (T1C1)
Bit 3 = MSB, Bit 0 = LSB
The three bits T1C[2:0] select the divider for Timer 1. The resulting time interval depends on this
divider and the Timer 1 input clock source. The timer input can be supplied by the system clock,
the 32-kHz oscillator or via clock management. If the clock management generates the SUBCL,
the selected input clock from the RC-oscillator, 4-MHz oscillator or an external clock is divided
by 16.
Q1
CL
CL1
RES
Q2
Q3
Q11
Q8
Q14
Q11
Q8
Q5
Q6
Q4
Q14
T1MUX
SUBCL
T1RM T1C2
T1C1
T1C1 T1C0
T1C2
T1BP T1IM
Decoder
MUX for Interval Timer
Decoder
MUX for Watchdog Timer
3
WDL WDR WDT1
WDC
WDT0
2
Write of the
T1C1 Register
Read of the
CWD Register
Watchdog
Mode Control
RES
WDCL
Divider
RESET
RESET
(NRST)
T1OUT
INT2
Watchdog
Divider/8
T1IM = 1
T1IM = 0
Address: '7'hex - Subaddress: '8'hex
Bit 3
Bit 2
Bit 1
Bit 0
T1C1
T1RM
T1C2
T1C1
T1C0
Reset value: 1111b
T1RM
Timer 1 Restart Mode
T1RM = 0, write access without Timer 1 restart
T1RM = 1, write access with Timer 1 restart
Note: if WDL = 0, Timer 1 restart is impossible
T1C2
Timer 1 Control bit 2
T1C1
Timer 1 Control bit 1
T1C0
Timer 1 Control bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com