Electronic Components Datasheet Search
  English  ▼

X  

ATAR092 Datasheet(PDF) 48 Page - ATMEL Corporation

Part # ATAR092
Description  Low-current Microcontroller for Wireless Communication
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR092 Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button ATAR092 Datasheet HTML 44Page - ATMEL Corporation ATAR092 Datasheet HTML 45Page - ATMEL Corporation ATAR092 Datasheet HTML 46Page - ATMEL Corporation ATAR092 Datasheet HTML 47Page - ATMEL Corporation ATAR092 Datasheet HTML 48Page - ATMEL Corporation ATAR092 Datasheet HTML 49Page - ATMEL Corporation ATAR092 Datasheet HTML 50Page - ATMEL Corporation ATAR092 Datasheet HTML 51Page - ATMEL Corporation ATAR092 Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 107 page
background image
48
4535E–4BMCU–05/07
ATAR092/ATAR892
Figure 5-24. Counter 3 Stage
The status of the timer as well as the occurrence of a compare match or an edge detect of the
input signal is indicated by the status register T2ST. This allows identification of the interrupt
source because all these events share only one timer interrupt.
Timer 3 compares data values
The Timer 3 has two 8-bit compare registers (T3CO1, T3CO2). The compare data value can be
‘m’ for each of the Timer 3 compare registers.
The compare data value for the compare registers is:
m = x +1
0
≤ x ≤ 255
Timer 3 – Mode 1:
Timer/Counter
The selected clock from an internal or external source increments the 8-bit counter. In this mode,
the timer can be used as event counter for external clocks at T3I or as timer for generating inter-
rupts and pulses at T3O. The counter value can be read by the software via the capture register.
Figure 5-25. Counter Reset with Each Compare Match
T3TM1
T3IM1
NQ
TOG2 T3I
D
D
Control
CL3
RES
C31
CM32
CM31
C32
8-bit Counter
Capture Register
8-bit Comparator
Control
Compare Register 2
Compare Register 1
TOG3
INT5
T3RM1
T3EIM
T3SM1
T3TM2
: T3M1
: T3M2
T3IM2
NQ
T3RM2
T3SM2
0
Counter 3
INT5
T3O
CM32
CM31
T3R
00
2
3
0
11
2
3
13
4
5
2
02
3
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com