Electronic Components Datasheet Search
  English  ▼

X  

ATAR092 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATAR092
Description  Low-current Microcontroller for Wireless Communication
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR092 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATAR092 Datasheet HTML 14Page - ATMEL Corporation ATAR092 Datasheet HTML 15Page - ATMEL Corporation ATAR092 Datasheet HTML 16Page - ATMEL Corporation ATAR092 Datasheet HTML 17Page - ATMEL Corporation ATAR092 Datasheet HTML 18Page - ATMEL Corporation ATAR092 Datasheet HTML 19Page - ATMEL Corporation ATAR092 Datasheet HTML 20Page - ATMEL Corporation ATAR092 Datasheet HTML 21Page - ATMEL Corporation ATAR092 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 107 page
background image
18
4535E–4BMCU–05/07
ATAR092/ATAR892
Figure 4-17. Ceramic Resonator
Note:
Both, the 4-MHz and the 32-kHz crystal oscillator, use an integrated 14 stage divider circuit to sta-
bilize oscillation before the oscillator output is used as system clock. This results in an additional
delay of about 4 ms for the 4-MHz crystal and about 500 ms for the 32-kHz crystal.
4.5.2.5
32-kHz Oscillator
Some applications require long-term time keeping or low resolution timing. In this case, an
on-chip, low power 32-kHz crystal oscillator can be used to generate both the SUBCL and the
SYSCL. In this mode, power consumption is greatly reduced. The 32-kHz crystal oscillator can
not be stopped while the power-down mode is in operation.
Figure 4-18. 32-kHz Crystal Oscillator
Note:
Both, the 4-MHz and the 32-kHz crystal oscillator, use an integrated 14 stage divider circuit to sta-
bilize oscillation before the oscillator output is used as system clock. This results in an additional
delay of about 4 ms for the 4-MHz crystal and about 500 ms for the 32-kHz crystal.
4.5.3
Clock Management
The clock management register controls the system clock divider and synchronization stage.
Writing to this register triggers the synchronization cycle.
OSC1
Oscin
Oscout
4Out
Stop
4Out
Osc-Stop
C1
*
OSC2
C2
*
*
Cer.
Res
Mask Option
Oscillator
4 MHz
C3
C4
OSC1
Oscin
Oscout
32Out
32Out
C1
*
OSC2
C2
*
*
XTAL
32 MHz
Mask Option
Oscillator
32 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com