| Electronic Components Datasheet Search |
|
ATAR092 Datasheet(PDF) 46 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATAR092 Datasheet(HTML) 46 Page - ATMEL Corporation |
|
46 / 107 page ![]() 46 4535E–4BMCU–05/07 ATAR092/ATAR892 5.3.3 Timer 3 5.3.3.1 Features • 2 compare registers • Capture register • Edge sensitive input with zero cross detection capability • Trigger and single action modes • Output control modes • Automatically modulation and demodulation modes • FSK modulation • Pulse width Modulation (PWM) • Manchester demodulation together with SSI • Bi-phase demodulation together with SSI • Pulse-width demodulation together with SSI Figure 5-23. Timer 3 Timer 3 consists of an 8-bit up-counter with two compare registers and one capture register. The timer can be used as event counter, timer and signal generator. Its output can be programmed as modulator and demodulator for the serial interface. The two compare registers enable various modes of signal generation, modulation and demodulation. The counter can be driven by inter- nal and external clock sources. For external clock sources, it has a programmable edge-sensitive input which can be used as counter input, capture signal input or trigger input. This timer input is synchronized with SYSCL. Therefore, in the power-down mode SLEEP (CPU core -> sleep and OSC-Stop -> yes), this timer input is stopped too. The counter is readable via its capture register while it is running. In capture mode, the counter value can be captured by a programmable capture event from the Timer 3 input or Timer 2 output. I/O-bus I/O-bus 8-bit Counter 3 T3CS T3CP T3CO1 T3CO2 T3C T3ST T3CM1 T3CM2 Compare 3/1 CL3 CP3 POUT T3EX SYSCL T1OUT RES T3I Timer 2 SSI SSI Modulator 3 Compare 3/2 Control TOG3 T3I T3EX RES CM31 INT5 M2 SO T3O Control SCI SI T3M Demodu- lator 3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |