Electronic Components Datasheet Search
  English  ▼

X  

ATAR092 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATAR092
Description  Low-current Microcontroller for Wireless Communication
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR092 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATAR092 Datasheet HTML 1Page - ATMEL Corporation ATAR092 Datasheet HTML 2Page - ATMEL Corporation ATAR092 Datasheet HTML 3Page - ATMEL Corporation ATAR092 Datasheet HTML 4Page - ATMEL Corporation ATAR092 Datasheet HTML 5Page - ATMEL Corporation ATAR092 Datasheet HTML 6Page - ATMEL Corporation ATAR092 Datasheet HTML 7Page - ATMEL Corporation ATAR092 Datasheet HTML 8Page - ATMEL Corporation ATAR092 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 107 page
background image
5
4535E–4BMCU–05/07
ATAR092/ATAR892
4.2.2.2
Return Stack
The 12-bit wide return stack is addressed by the return stack pointer (RP). It is used for storing
return addresses of subroutines, interrupt routines and for keeping loop index counts. The return
stack can also be used as a temporary storage area.
The MARC4 instruction set supports the exchange of data between the top elements of the
expression stack and the return stack. The two stacks within the RAM have a user definable
location and maximum depth.
Figure 4-3.
RAM Map
4.2.3
Registers
The MARC4 controller has seven programmable registers and one condition code register. They
are shown in the following programming model.
4.2.3.1
Program Counter (PC)
The program counter is a 12-bit register which contains the address of the next instruction to be
fetched from the ROM. Instructions currently being executed are decoded in the instruction
decoder to determine the internal micro-operations. For linear code (no calls or branches) the
program counter is incremented with every instruction cycle. If a branch-, call-, return-instruction
or an interrupt is executed, the program counter is loaded with a new address. The program
counter is also used with the table instruction to fetch 8-bit wide ROM constants.
RAM
FCh
00h
Autosleep
FFh
03h
04h
X
Y
SP
RP
TOS-1
Expression
Stack
Return
Stack
Global
Variables
Global
Variables
07h
(256 x 4-bit)
12-bit
4-bit
TOS
TOS-1
TOS-2
SP
Expression Stack
Return Stack
0
11
30
RP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com