Electronic Components Datasheet Search
  English  ▼

X  

ATAR092 Datasheet(PDF) 53 Page - ATMEL Corporation

Part # ATAR092
Description  Low-current Microcontroller for Wireless Communication
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR092 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button ATAR092 Datasheet HTML 49Page - ATMEL Corporation ATAR092 Datasheet HTML 50Page - ATMEL Corporation ATAR092 Datasheet HTML 51Page - ATMEL Corporation ATAR092 Datasheet HTML 52Page - ATMEL Corporation ATAR092 Datasheet HTML 53Page - ATMEL Corporation ATAR092 Datasheet HTML 54Page - ATMEL Corporation ATAR092 Datasheet HTML 55Page - ATMEL Corporation ATAR092 Datasheet HTML 56Page - ATMEL Corporation ATAR092 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 107 page
background image
53
4535E–4BMCU–05/07
ATAR092/ATAR892
Timer 3 – Mode 11: Bi-phase Demodulation
In the Bi-phase demodulation mode, the timer operates like in Manchester demodulation mode.
The difference is that the bits are decoded via a toggle flip-flop. This flip-flop samples the edge in
the middle of the bitframe and the compare register 1 match event shifts the toggle flip-flop out-
put into shift register (see also combined mode 9).
Figure 5-33. Timer 3 – Bi-phase Demodulation
Timer 3 – Mode 12: Timer/Counter with External Capture Mode (T3I)
The counter is driven by an internal clock source and an edge at the external input T3I loads the
counter value into the capture register. The edge can be selected with the programmable edge
detector of the timer input stage. This mode can be used for signal and pulse measurements.
Figure 5-34. External Capture Mode
Biphase Demodulation Mode
CM31 = SCI
Q1 = SI
SR-DATA
T3EX
T3I
Timer 3
Mode
Reset
Counter 3
Synchronize
0
BIT 4
BIT 3
BIT 5
BIT 6
BIT 1
BIT 2
BIT 0
0
1
00
1
11
0
0
0
11
10
1
0
01234 5678 9
11
10
12 13 14 15 16 17 18
21
20
22 23 24 25 26 27 28
30 31
33 34 35 36 37 38
41
40
39
32
29
19
0
Capture Value = 17
Capture Value = 35
Capture Value = X
Counter 3
T3CP
Register
T3I
T3R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com