Electronic Components Datasheet Search
  English  ▼

X  

ATAR092 Datasheet(PDF) 63 Page - ATMEL Corporation

Part # ATAR092
Description  Low-current Microcontroller for Wireless Communication
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR092 Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button ATAR092 Datasheet HTML 59Page - ATMEL Corporation ATAR092 Datasheet HTML 60Page - ATMEL Corporation ATAR092 Datasheet HTML 61Page - ATMEL Corporation ATAR092 Datasheet HTML 62Page - ATMEL Corporation ATAR092 Datasheet HTML 63Page - ATMEL Corporation ATAR092 Datasheet HTML 64Page - ATMEL Corporation ATAR092 Datasheet HTML 65Page - ATMEL Corporation ATAR092 Datasheet HTML 66Page - ATMEL Corporation ATAR092 Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 107 page
background image
63
4535E–4BMCU–05/07
ATAR092/ATAR892
In RX mode, as soon as the SSI is activated (SIR = 0), 8 shift clocks are generated and the
incoming serial data is shifted into the shift register. This first telegram is automatically trans-
ferred into the receive buffer and the SRDY set to 0 indicating that the receive buffer contains
valid data. At the same time an interrupt (if enabled) is generated. The SSI then continues shift-
ing in the following 8-bit telegram. If, during this time the first telegram has been read by the
controller, the second telegram will also be transferred in the same way into the receive buffer
and the SSI will continue clocking in the next telegram. Should, however, the first telegram not
have been read (SRDY = 1), then the SSI will stop, temporarily holding the second telegram in
the shift register until a certain point of time when the controller is able to service the receive
buffer. In this way no data is lost or overwritten.
Deactivating the SSI (SIR = 1) in mid-telegram will immediately stop the shift clock and latch the
present contents of the shift register into the receive buffer. This can be used for clocking in a
data telegram of less than 8 bits in length. Care should be taken to read out the final complete
8-bit data telegram of a multiple word message before deactivating the SSI (SIR = 1) and termi-
nating the reception. After termination, the shift register contents will overwrite the receive
buffer.
Figure 5-39. Example of 8-bit Synchronous Transmit Operation
tx data 1
Write STB
(tx data 1)
Write STB
(tx data 2)
Write STB
(tx data 3)
msb
SC
SD
SRDY
ACT
Interrupt
(IFN = 0)
Interrupt
(IFN = 1)
SIR
lsb
65 4 3 2
0
1
76 5 4 3 2
0
1
76 5 4 3 2
0
1
7
tx data 2
tx data 3
msb
lsb msb
lsb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com