Electronic Components Datasheet Search
  English  ▼

X  

LT3437IDD Datasheet(PDF) 7 Page - Linear Technology

Part # LT3437IDD
Description  High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437IDD Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3437IDD Datasheet HTML 3Page - Linear Technology LT3437IDD Datasheet HTML 4Page - Linear Technology LT3437IDD Datasheet HTML 5Page - Linear Technology LT3437IDD Datasheet HTML 6Page - Linear Technology LT3437IDD Datasheet HTML 7Page - Linear Technology LT3437IDD Datasheet HTML 8Page - Linear Technology LT3437IDD Datasheet HTML 9Page - Linear Technology LT3437IDD Datasheet HTML 10Page - Linear Technology LT3437IDD Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LT3437
3437fc
TYPICAL PERFOR A CE CHARACTERISTICS
Burst Mode Operation
Burst Mode Defeated
VOUT
20mV/DIV
AC COUPLED
ISW
100mA/DIV
VIN = 12V
10
µs/DIV
3437 G23
VOUT = 3.3V
IQ = 100µA
VOUT
20mV/DIV
AC COUPLED
ISW
100mA/DIV
10
µs/DIV
3437 G24
Step Response
Step Response
VOUT
50mV/DIV
IOUT
100mA/DIV
1ms/DIV
3437 G25
LOAD STEP 0mA TO 200mA
VOUT
50mV/DIV
IOUT
100mA/DIV
1ms/DIV
3437 G26
LOAD STEP 100mA TO 300mA
Maximum Duty Cycle
vs Temperature
3437 G20
94.0
91.5
94.5
93.0
93.5
92.0
92.5
TEMPERATURE (
°C)
ILOAD = 250mA
–50
0
50
75
–25
25
100
150
125
VC Switching Threshold
vs Temperature
Maximum Sync Frequency
vs Temperature
3437 G21
0.5
0
0.6
0.3
0.4
0.1
0.2
TEMPERATURE (
°C)
–50
0
50
75
–25
25
100
150
125
–50
0
50
75
–25
25
100
150
125
3437 G22
600
400
1600
900
1000
1200
1400
1100
1300
1500
700
800
500
TEMPERATURE (
°C)
VIN = 12V
VOUT = 3.3V
IOUT = 100mA
Dropout Operation
INPUT VOLTAGE (V)
2.0
0
4
1
2
3
4.0
6
3437 G19
3.0
2.5
3.5
5.0
4.5
6.0
5.5
5
VOUT = 5V
ILOAD = 250mA
BOOST DIODE = DIODES INC B1100
VIN = 12V
VOUT = 3.3V
IQ = 1.7mA
VSYNC = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com