Electronic Components Datasheet Search
  English  ▼

X  

LT3437IDD Datasheet(PDF) 18 Page - Linear Technology

Part # LT3437IDD
Description  High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437IDD Datasheet(HTML) 18 Page - Linear Technology

Back Button LT3437IDD Datasheet HTML 14Page - Linear Technology LT3437IDD Datasheet HTML 15Page - Linear Technology LT3437IDD Datasheet HTML 16Page - Linear Technology LT3437IDD Datasheet HTML 17Page - Linear Technology LT3437IDD Datasheet HTML 18Page - Linear Technology LT3437IDD Datasheet HTML 19Page - Linear Technology LT3437IDD Datasheet HTML 20Page - Linear Technology LT3437IDD Datasheet HTML 21Page - Linear Technology LT3437IDD Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
LT3437
3437fc
These requirements result in the use of a Schottky type
diode. DC switching losses are minimized due to its low
forward voltage drop, and AC behavior is benign due to its
lack of a significant reverse recovery time. Schottky diodes
are generally available with reverse voltage ratings of 60V,
and even 100V, and are price competitive with other types.
The use of so-called “ultrafast” recovery diodes is gener-
ally not recommended. When operating in continuous
mode, the reverse recovery time exhibited by “ultrafast”
diodes will result in a slingshot type effect. The power
internal switch will ramp up VIN current into the diode in an
attempt to get it to recover. When the diode has finally
turned off, some tens of nanoseconds later, the VSW node
voltage ramps up at an extremely high dV/dt, perhaps 5V
to even 10V/ns! With real world lead inductances, the VSW
node can easily overshoot the VIN rail. This can result in
poor RFI behavior, and if the overshoot is severe enough,
damage the IC itself.
BOOST PIN
For most applications, the boost components are a 0.1
µF
capacitor and a BAS21 diode. The anode is typically
connected to the regulated output voltage, to generate a
voltage approximately VOUT above VIN to drive the output
stage (Figure 6a). However, the output stage discharges
the boost capacitor during the on time of the switch. The
output driver requires at least 2.5V of headroom through-
out this period to keep the switch fully saturated. If the
output voltage is less than 3.3V, it is recommended that an
alternate boost supply is used. The boost diode can be
connected to the input (Figure 6b), but care must be taken
to prevent the boost voltage (VBOOST = VIN • 2) from
exceeding the BOOST pin absolute maximum rating. The
additional voltage across the switch driver also increases
power loss and reduces efficiency. If available, an inde-
pendent supply can be used to generate the required
BOOST voltage (Figure 6c). Tying BOOST to VIN or an
independent supply may reduce efficiency, but it will
reduce the minimum VIN required to start-up with light
loads. If the generated BOOST voltage dissipates too
much power at maximum load, the BOOST voltage the
LT3437 sees can be reduced by placing a Zener diode in
series with the BOOST diode (Figure 6a option).
A 0.1
µF boost capacitor is recommended for most appli-
cations. Almost any type of film or ceramic capacitor is
suitable, but the ESR should be <1
Ω to ensure it can be
fully recharged during the off time of the switch. The
capacitor value is derived from worst-case conditions of
4700ns on time, 11mA boost current and 0.7V discharge
ripple. The boost capacitor value could be reduced under
less demanding conditions, but this will not improve
circuit operation or efficiency. Under low input voltage and
low load conditions, a higher value capacitor will reduce
discharge ripple and improve start-up operation.
BOOST
LT3437
VBOOST – VSW = VOUT
VBOOST(MAX) = VIN + VOUT
VIN
VOUT
OPTIONAL
(6a)
VIN
SW
GND
BOOST
LT3437
VBOOST – VSW = VDC
VBOOST(MAX) = VDC + VIN
VIN
VDC
DSS
3437 F06
VOUT
(6c)
VIN
SW
GND
BOOST
LT3437
VBOOST – VSW = VIN
VBOOST(MAX) = 2VIN
VIN
VOUT
(6b)
VIN
SW
GND
Figure 6. BOOST Pin Configurations
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com