Electronic Components Datasheet Search
  English  ▼

X  

LT3437IDD Datasheet(PDF) 6 Page - Linear Technology

Part # LT3437IDD
Description  High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437IDD Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3437IDD Datasheet HTML 2Page - Linear Technology LT3437IDD Datasheet HTML 3Page - Linear Technology LT3437IDD Datasheet HTML 4Page - Linear Technology LT3437IDD Datasheet HTML 5Page - Linear Technology LT3437IDD Datasheet HTML 6Page - Linear Technology LT3437IDD Datasheet HTML 7Page - Linear Technology LT3437IDD Datasheet HTML 8Page - Linear Technology LT3437IDD Datasheet HTML 9Page - Linear Technology LT3437IDD Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LT3437
3437fc
3437 G16
0
500
450
400
350
300
250
200
150
100
50
TEMPERATURE (
°C)
–50
0
50
75
–25
25
100
150
125
LOAD CURRENT (mA)
100
6
8
12
11
200
400
3437 G17
7
10
9
300
500
INPUT VOLTAGE (V)
2.0
0
3.0
0.5
1.5
2.0
2.5
4.0
4.0
3437 G18
1.0
3.0
2.5
3.5
4.5
3.5
VOUT = 3.3V
ILOAD = 250mA
BOOST DIODE =
DIODES INC B1100
Supply Current vs Input Voltage
Burst Mode Threshold
vs Input Voltage
Oscillator Frequency
vs FB Voltage
Switch On Voltage (VCESAT)
LOAD CURRENT (mA)
0
200
600
500
200
400
500
3437 G12
100
400
300
100
300
TJ = 125°C
TJ = –40°C
TJ = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS
Minimum Input Voltage
FB VOLTAGE (V)
0
0
50
100
150
0.25
0.50
0.75
3437 G11
1.00
200
250
1.25
INPUT VOLTAGE (V)
0
0
40
100
10
20
30
40
3437 F13
50
200
20
60
80
120
140
160
180
80
60
70
VOUT = 3.3V
LOAD CURRENT (mA)
0
3.0
3.5
4.5
5.0
5.5
400
7.5
3437 G14
4.0
200
100
300
500
6.0
6.5
7.0
5V TO RUN
5V TO START
3.3V TO RUN
3.3V TO START
INPUT VOLTAGE (V)
0
0
200
20
40
50
3437 G15
100
80
60
40
20
120
140
160
180
10
30
60
ENTER
EXIT
VOUT = 3.3V
Minimum On-Time
Boost Current vs Load Current
Dropout Operation
FB VOLTAGE (V)
0
0
10
20
30
0.2
0.4
0.6
0.8
3437 G10
1.0
35
5
15
25
1.2
SOFT-START DEFEATED
Soft-Start Current Threshold
vs FB Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com