Electronic Components Datasheet Search
  English  ▼

X  

LT3437IDD Datasheet(PDF) 20 Page - Linear Technology

Part # LT3437IDD
Description  High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437IDD Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3437IDD Datasheet HTML 16Page - Linear Technology LT3437IDD Datasheet HTML 17Page - Linear Technology LT3437IDD Datasheet HTML 18Page - Linear Technology LT3437IDD Datasheet HTML 19Page - Linear Technology LT3437IDD Datasheet HTML 20Page - Linear Technology LT3437IDD Datasheet HTML 21Page - Linear Technology LT3437IDD Datasheet HTML 22Page - Linear Technology LT3437IDD Datasheet HTML 23Page - Linear Technology LT3437IDD Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
LT3437
3437fc
LAYOUT CONSIDERATIONS
As with all high frequency switchers, when considering
layout, care must be taken in order to achieve optimal
electrical, thermal and noise performance. For maximum
efficiency, switch rise and fall times are typically in the
nanosecond range. To prevent noise both radiated and
conducted, the high speed switching current path,
shown in Figure 8, must be kept as short as possible. This
is implemented in the suggested layouts of Figure 9.
Shortening this path will also reduce the parasitic trace
inductance of approximately 25nH/inch. At switch off, this
parasitic inductance produces a flyback spike across the
LT3437 switch. When operating at higher currents and
input voltages, with poor layout, this spike can generate
voltages across the LT3437 that may exceed its absolute
maximum rating. A ground plane should always be used
under the switcher circuitry to prevent interplane coupling
and overall noise.
The VC and FB components should be kept as far away as
possible from the switch and boost nodes. The LT3437
pinout has been designed to aid in this. The ground for
these components should be separated from the switch
current path. Failure to do so will result in poor stability or
subharmonic oscillation.
Board layout also has a significant effect on thermal
resistance. Pin 4/Pin 8 and the exposed die pad, Pin 11/Pin
17, are connected by a continuous copper plate that runs
under the LT3437 die. This is the best thermal path for heat
out of the package. Reducing the thermal resistance from
Pin 4 and the exposed pad onto the board will reduce die
temperature and increase the power capability of the
LT3437. This is achieved by providing as much copper
area as possible around the exposed pad. Adding multiple
solder filled feedthroughs, under and around this pad, to
an internal ground plane will also help. Similar treatment
to the catch diode and coil terminations will reduce any
additional heating effects.
Figure 8. High Speed Switching Path
C2
C1
3437 F08
D1
L1
VIN
LT3437
VOUT
VIN
SW
HIGH
FREQUENCY
CIRCULATION
PATH
+
LOAD
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com