Electronic Components Datasheet Search
  English  ▼

X  

LT3437IDD Datasheet(PDF) 28 Page - Linear Technology

Part # LT3437IDD
Description  High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437IDD Datasheet(HTML) 28 Page - Linear Technology

Back Button LT3437IDD Datasheet HTML 20Page - Linear Technology LT3437IDD Datasheet HTML 21Page - Linear Technology LT3437IDD Datasheet HTML 22Page - Linear Technology LT3437IDD Datasheet HTML 23Page - Linear Technology LT3437IDD Datasheet HTML 24Page - Linear Technology LT3437IDD Datasheet HTML 25Page - Linear Technology LT3437IDD Datasheet HTML 26Page - Linear Technology LT3437IDD Datasheet HTML 27Page - Linear Technology LT3437IDD Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LT3437
3437fc
©LINEAR TECHNOLOGY CORPORATION 2005
LT 0107 REV C • PRINTED IN USA
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
PART NUMBER
DESCRIPTION
COMMENTS
LT1765
25V, 3A (IOUT), 1.25MHz, High Efficiency Step-Down DC/DC
VIN: 3V to 25V, VOUT(MIN) = 1.20V, IQ = 1mA, ISD < 15µA,
Converter
SO-8, TSSOP16E
LT1766
60V, 1.2A (IOUT), 200kHz, High Efficiency Step-Down DC/DC
VIN: 5.5V to 60V, VOUT(MIN) = 1.20V, IQ = 2.5mA,
Converter
ISD < 25µA, TSSOP16/E
LT1767
25V, 1.5A (IOUT), 1.25MHz, High Efficiency Step-Down DC/DC
VIN: 3V to 25V, VOUT(MIN) = 1.20V, IQ = 1mA, ISD < 6µA,
Converter
MS8/E
LT1776
40V, 550mA (IOUT), 200kHz, High Efficiency Step-Down DC/DC
VIN: 7.4V to 40V, VOUT(MIN) = 1.24V, IQ = 3.2mA,
Converter
ISD < 30µA, N8, S8
LT1936
36V, 1.4A, 500kHz, High Efficiency Step-Down DC/DC Converter
VIN: 3.6V to 36V, VOUT(MIN) = 1.2V, IQ = 1.8mA,
ISD 4mA MS8/E
LT1940
Dual 1.2A (IOUT), 1.1MHz, High Efficiency Step-Down DC/DC
VIN: 3V to 25V, VOUT(MIN) = 1.2V, IQ = 3.8mA, TSSOP-16E
Converter
LT1956
60V, 1.2A (IOUT), 500kHz, High Efficiency Step-Down DC/DC
VIN: 5.5V to 60V, VOUT(MIN) = 1.20V, IQ = 2.5mA,
Converter
ISD < 25µA, TSSOP16/E
LT1976
60V, 1.5A (IOUT), 200kHz, High Efficiency Step-Down DC/DC
VIN: 3.3V to 60V, IQ = 100µA, ISD < 1µA, TSSOP-16E
Converter
LT1977
60V, 1.5A (IOUT), 500kHz, High Efficiency Step-Down DC/DC
VIN: 3.3V to 60V, IQ = 100µA, ISD < 1µA, TSSOP-16E
Converter
LT3010
80V, 50mA, Low Noise Linear Regulator
VIN: 1.5V to 80V, VOUT(MIN) = 1.28V, IQ = 30µA, ISD < 1µA,
MS8E
LT3430
60V, 2.5A (IOUT), 200kHz, High Efficiency Step-Down DC/DC
VIN: 5.5V to 60V, VOUT(MIN) = 1.20V, IQ = 2.5mA,
Converter
ISD < 30µA, TSSOP-16E
LT3431
60V, 2.5A (IOUT), 500kHz, High Efficiency Step-Down DC/DC
VIN: 5.5V to 60V, VOUT(MIN) = 1.20V, IQ = 2.5mA,
Converter
ISD < 30µA, TSSOP-16E
LT3433
60V, 400mA (IOUT), 200kHz/500kHz, Buck-Boost DC/DC Converter
VIN: 5V to 60V, VOUT: 3.3V to 20V, IQ = 100µA, TSSOP-16E
LT3434/LT3435
60V, 3A (IOUT), 200kHz, High Efficiency Step-Down DC/DC Converter
VIN: 3.3V to 60V, IQ = 100µA, ISD < 1µA, TSSOP-16E
LT3470
40V, 300mA, MicroPower Buck Regulator with Integrated Boost and
VIN: 4V to 40V, VOUT(MIN) = 1.25V, IQ = 26µA, ThinSOT
Catch Diodes
LTC3727/LTC3727-1 36V, 500kHz, High Efficiency Step-Down DC/DC Controllers
VIN: 4V to 36V, VOUT(MIN) = 0.8V, IQ = 670µA, ISD < 20µA,
QFN-32, SSOP-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com