Electronic Components Datasheet Search
  English  ▼

X  

LT3437IDD Datasheet(PDF) 22 Page - Linear Technology

Part # LT3437IDD
Description  High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437IDD Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3437IDD Datasheet HTML 18Page - Linear Technology LT3437IDD Datasheet HTML 19Page - Linear Technology LT3437IDD Datasheet HTML 20Page - Linear Technology LT3437IDD Datasheet HTML 21Page - Linear Technology LT3437IDD Datasheet HTML 22Page - Linear Technology LT3437IDD Datasheet HTML 23Page - Linear Technology LT3437IDD Datasheet HTML 24Page - Linear Technology LT3437IDD Datasheet HTML 25Page - Linear Technology LT3437IDD Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LT3437
3437fc
APPLICATIO S I FOR ATIO
THERMAL CALCULATIONS
Power dissipation in the LT3437 chip comes from four
sources: switch DC loss, switch AC loss, boost circuit
current, and input quiescent current. The following formu-
las show how to calculate each of these losses. These
formulas assume continuous mode operation, and should
not be used for calculating efficiency at light load currents.
Switch loss:
P
RI
V
V
tI
V
f
SW
SW OUT
OUT
IN
EFF
OUT
IN
=
() ( )
+
()( )( )( )
2
12
/
Boost current loss:
P
VI
V
BOOST
OUT
OUT
IN
= () ()
2
30
/
Quiescent current loss:
PQ = VIN (500µA) + VOUT (800µA)
RSW = switch resistance (≈1 when hot )
tEFF = effective switch current/voltage overlap time
(tr + tf + tIR + tIF)
tr = (VIN/0.6)ns
tf = (VIN/2)ns
tIR = tIF = (IOUT/0.05)ns
f = switch frequency
Example: with VIN = 40V, VOUT = 5V and IOUT = 250mA:
Pe
W
PW
PW
SW
BOOST
Q
= ( )(
)()
+
()
()()( )(
)
+=
= () () =
=
()+ () =
1 0 25
5
40
92 12 0 25 40 200 3
0 008 0 092
0 1
50 25 30
40
0 005
40 0 0005
5 0 0008
0 024
2
2
.
/.
..
.
./
.
..
.
Total power dissipation is:
PTOT = 0.1 + 0.065 + 0.024 = 0.13W
Thermal resistance for the LT3437 package is influenced
by the presence of internal or backside planes. With a full
plane under the package, thermal resistance will be about
45
°C for the FE and DD packages. No plane will increase
resistance to about 150
°C/W.Tocalculatedietemperature,
use the proper thermal resistance number for the desired
package and add in worst-case ambient temperature:
TJ = TA + QJA (PTOT)
With the DD package (QJA = 45°C/W) at an ambient
temperature of 70
°C:
TJ = 70 + 45(0.1) = 74.5°C
HIGH TEMPERATURE OPERATION
Extreme care must be taken when designing LT3437
applications to operate at high ambient temperatures. The
LT3437 is designed to work at elevated temperatures but
erratic operation can occur due to external components.
Each passive component should be checked for absolute
value and voltage ratings to ensure loop stability at tem-
perature. Boost and Catch diode leakages, as well as
increased series resistance, will adversely affect efficiency
and low quiescent current operation. Junction tempera-
ture increase in the diodes due to self heating (leakage)
and power dissipation should be measured to ensure their
maximum temperature specifications are not violated.
Input Voltage vs Operating Frequency Considerations
The absolute maximum input supply voltage for the LT3437
is specified at 80V. This is based solely on internal semi-
conductor junction breakdown effects. Due to internal
power dissipation, the actual maximum VIN achievable in
a particular application may be less than this.
A detailed theoretical basis for estimating internal power
loss is given in the section Thermal Considerations. Note
that AC switching loss is proportional to both operating
frequency and output current. The majority of AC switch-
ing loss is also proportional to the square of input voltage.
For example, while the combination of VIN = 40V, VOUT =
5V at 700mA and fOSC = 200kHz may be easily achievable,
simultaneously raising VIN to 80V and fOSC to 700kHz is not
possible. Nevertheless, input voltage transients up to 80V
can usually be accommodated, assuming the resulting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com