Electronic Components Datasheet Search
  English  ▼

X  

LT3437IDD Datasheet(PDF) 16 Page - Linear Technology

Part # LT3437IDD
Description  High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437IDD Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3437IDD Datasheet HTML 12Page - Linear Technology LT3437IDD Datasheet HTML 13Page - Linear Technology LT3437IDD Datasheet HTML 14Page - Linear Technology LT3437IDD Datasheet HTML 15Page - Linear Technology LT3437IDD Datasheet HTML 16Page - Linear Technology LT3437IDD Datasheet HTML 17Page - Linear Technology LT3437IDD Datasheet HTML 18Page - Linear Technology LT3437IDD Datasheet HTML 19Page - Linear Technology LT3437IDD Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
LT3437
3437fc
VOUT
1V/DIV
VIN = 12V
1ms/DIV
3437 F04
COUT = 100µF
ILOAD = 200mA
CSS = GND
CSS = 0.1µF
CSS = 0.01µF
Figure 4. VOUT dV/dt
Short-Circuit Considerations
The LT3437 is a current mode controller. It uses the VC
node voltage as an input to a current comparator which
turns off the output switch on a cycle-by-cycle basis as
this peak current is reached. The internal clamp on the VC
node, nominally 1.5V, then acts as an output switch peak
current limit. This action becomes the switch current limit
specification. The maximum available output power is
then determined by the switch current limit.
A potential controllability problem could occur under
short-circuit conditions. If the power supply output is
short circuited, the feedback amplifier responds to the low
output voltage by raising the control voltage, VC, to its
peak current limit value. Ideally, the output switch would
be turned on, and then turned off as its current exceeded
the value indicated by VC. However, there is finite response
time involved in both the current comparator and turn-off
of the output switch. This results in a minimum on time
tON(MIN). When combined with the large ratio of VIN to
(VF + I • R), the diode forward voltage plus inductor I • R
voltage drop, the potential exists for a loss of control.
Expressed mathematically the requirement to maintain
control is:
ft
VI R
V
ON
F
IN
•
•
≤
+
where:
f = switching frequency
tON = switch on time
VF = diode forward voltage
VIN = Input voltage
I • R = inductor I • R voltage drop
If this condition is not observed, the current will not be
limited at IPK but will cycle-by-cycle ratchet up to some
higher value. Using the nominal LT3437 clock frequency
of 200kHz, a VIN of 40V and a (VF + I • R) of say 0.7V, the
maximum tON to maintain control would be approximately
90ns, an unacceptably short time.
The solution to this dilemma is to slow down the oscillator
to allow the current in the inductor to drop to a sufficiently
low value such that the current does not continue to
ratchet higher. When the FB pin voltage is abnormally low,
thereby indicating some sort of short-circuit condition,
the oscillator frequency will be reduced. Oscillator fre-
quency is reduced by a factor of 10 when the FB pin voltage
is below 0.4V and increases linearly to its typical value of
200kHz at a FB voltage of 0.95V (see Typical Performance
Characteristics). These oscillator frequency reductions
during short-circuit conditions allow the LT3437 to main-
tain current control
SOFT-START
For applications where [VIN/(VOUT + VF)] >10 or large input
surge currents cannot be tolerated, the LT3437 soft-start
feature should be used to control the output capacitor
charge rate during start-up, or during recovery from an
output short circuit, thereby adding additional control
over peak inductor current. The soft-start function limits
the switch current via the VC pin to maintain a constant
voltage ramp rate (dV/dt) at the output capacitor. A capaci-
tor (C1 in Figure 2) from the CSS pin to the regulated output
voltage determines the output voltage ramp rate. When
the current through the CSS capacitor exceeds the CSS
threshold (ICSS), the voltage ramp of the output capacitor
is limited by reducing the VC pin voltage.The CSS threshold
is proportional to the FB voltage (see Typical Performance
Characteristics) and is defeated for FB voltages greater
than 0.9V (typical). The output dV/dt can be approxi-
mated by:
dV
dt
I
C
CSS
SS
=
but actual values will vary due to start-up load conditions,
compensation values and output capacitor selection.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com