Electronic Components Datasheet Search
  English  ▼

X  

LT3437IDD Datasheet(PDF) 23 Page - Linear Technology

Part # LT3437IDD
Description  High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437IDD Datasheet(HTML) 23 Page - Linear Technology

Back Button LT3437IDD Datasheet HTML 19Page - Linear Technology LT3437IDD Datasheet HTML 20Page - Linear Technology LT3437IDD Datasheet HTML 21Page - Linear Technology LT3437IDD Datasheet HTML 22Page - Linear Technology LT3437IDD Datasheet HTML 23Page - Linear Technology LT3437IDD Datasheet HTML 24Page - Linear Technology LT3437IDD Datasheet HTML 25Page - Linear Technology LT3437IDD Datasheet HTML 26Page - Linear Technology LT3437IDD Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
LT3437
3437fc
increase in internal dissipation is of insufficient time dura-
tion to raise die temperature significantly.
A second consideration is controllability. A potential limi-
tation occurs with a high step-down ratio of VIN to VOUT,
as this requires a correspondingly narrow minimum switch
on time. An approximate expression for this (assuming
continuous mode operation) is given as follows:
tON(MIN) = (VOUT + VF)/VIN(fOSC)
where:
VIN = input voltage
VOUT = output voltage
VF = Schottky diode forward drop
fOSC = switching frequency
A potential controllability problem arises if the LT3437 is
called upon to produce an on time shorter than it is able to
produce. Feedback loop action will lower, then reduce, the
VC control voltage to the point where some sort of cycle-
skipping or Burst Mode behavior is exhibited.
In summary:
1. Be aware that the simultaneous requirements of high
VIN, high IOUT and high fOSC may not be achievable in
practice due to internal dissipation. The Thermal Con-
siderations section offers a basis to estimate internal
power. In questionable cases, a prototype supply should
be built and exercised to verify acceptable operation.
2. The simultaneous requirements of high VIN, low VOUT
and high fOSC can result in an unacceptably short mini-
mum switch on time. Cycle skipping and/or Burst Mode
behavior will result causing an increase in output volt-
age ripple while maintaining the correct output voltage.
FREQUENCY COMPENSATION
Before starting on the theoretical analysis of frequency
response, the following should be remembered—the worse
the board layout, the more difficult the circuit will be to
stabilize. This is true of almost all high frequency analog
circuits. Read the Layout Considerations section first.
Common layout errors that appear as stability problems
are distant placement of input decoupling capacitor and/or
catch diode, and connecting the VC compensation to a
ground track carrying significant switch current. In addi-
tion, the theoretical analysis considers only first order
non-ideal component behavior. For these reasons, it is
important that a final stability check is made with produc-
tion layout and components.
The LT3437 uses current mode control. This alleviates
many of the phase shift problems associated with the
inductor. The basic regulator loop is shown in Figure 10.
The LT3437 can be considered as two gm blocks, the error
amplifier and the power stage.
Figure 11 shows the overall loop response. At the VC pin,
the frequency compensation components used are:
RC = 25k, CC = 1500pF and CF = 330pF. The output
capacitor used is a 100
µF, 10V tantalum capacitor with
typical ESR of 100m
Ω.
The ESR of the tantalum output capacitor provides a useful
zero in the loop frequency response for maintaining stabil-
ity. This ESR, however, contributes significantly to the
ripple voltage at the output (see Output Ripple Voltage in
the Applications Information section). It is possible to
reduce capacitor size and output ripple voltage by replac-
ing the tantalum output capacitor with a ceramic output
capacitor because of its very low ESR. The zero provided
by the tantalum output capacitor must now be reinserted
back into the loop. Alternatively, there may be cases
where, even with the tantalum output capacitor, an addi-
tional zero is required in the loop to increase phase margin
for improved transient response.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com