Electronic Components Datasheet Search
  English  ▼

X  

LT3437IDD Datasheet(PDF) 24 Page - Linear Technology

Part # LT3437IDD
Description  High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437IDD Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3437IDD Datasheet HTML 20Page - Linear Technology LT3437IDD Datasheet HTML 21Page - Linear Technology LT3437IDD Datasheet HTML 22Page - Linear Technology LT3437IDD Datasheet HTML 23Page - Linear Technology LT3437IDD Datasheet HTML 24Page - Linear Technology LT3437IDD Datasheet HTML 25Page - Linear Technology LT3437IDD Datasheet HTML 26Page - Linear Technology LT3437IDD Datasheet HTML 27Page - Linear Technology LT3437IDD Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
LT3437
3437fc
APPLICATIO S I FOR ATIO
Figure 10. Model for Loop Response
–
+
CURRENT MODE
POWER STAGE
gm = 1
gm = 650µ
1.25V
VC
LT3437
ERROR
AMP
1.6M
RC
R1
FB
SW
ESR
OUTPUT
R2
COUT
3437 F13
CFB
CF
CC
Figure 11. Overall Loop Response
FREQUENCY (Hz)
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
–40
0
60
40
20
–20
80
100
100
1k
10k
100k
3437 F12
1M
10
VOUT = 3.3V
COUT = 100µF, 0.1Ω
CF = 330pF
RC = 25k
CC = 1500pF
ILOAD = 250mA
A zero can be added into the loop by placing a resistor (RC)
at the VC pin in series with the compensation capacitor, CC,
or by placing a capacitor (CFB) between the output and the
FB pin.
When using RC, the maximum value has two limitations.
First, the combination of output capacitor ESR and RC may
stop the loop rolling off altogether. Second, if the loop gain
is not rolled off sufficiently at the switching frequency,
output ripple will perturb the VC pin enough to cause
unstable duty cycle switching, similar to subharmonic
oscillations. If needed, an additional capacitor (CF) can be
added across the RC/CC network from the VC pin to ground
to further suppress VC ripple voltage.
With a tantalum output capacitor, the LT3437 already
includes a resistor (RC) and filter capacitor (CF) at the VC
pin (see Figures 10 and 11) to compensate the loop over
the entire VIN range (to allow for stable pulse skipping for
high VIN-to-VOUT ratios ≥ 10). A ceramic output capacitor
can still be used with a simple adjustment to the resistor RC
for stable operation (see Ceramic Capacitors section for
stabilizing LT3430). If additional phase margin is required,
a capacitor (CFB) can be inserted between the output and
FB pin, but care must be taken for high output voltage
applications. Sudden shorts to the output can create
unacceptably large negative transients on the FB pin.
For VIN-to-VOUT ratios < 10, higher loop bandwidths are
possible by readjusting the frequency compensation com-
ponents at the VC pin.
When checking loop stability, the circuit should be oper-
ated over the application’s full voltage, current and tem-
perature range. Proper loop compensation may be obtained
by empirical methods, as described in Application Notes
19 and 76.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com