Electronic Components Datasheet Search
  English  ▼

X  

LT3437IDD Datasheet(PDF) 19 Page - Linear Technology

Part # LT3437IDD
Description  High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437IDD Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3437IDD Datasheet HTML 15Page - Linear Technology LT3437IDD Datasheet HTML 16Page - Linear Technology LT3437IDD Datasheet HTML 17Page - Linear Technology LT3437IDD Datasheet HTML 18Page - Linear Technology LT3437IDD Datasheet HTML 19Page - Linear Technology LT3437IDD Datasheet HTML 20Page - Linear Technology LT3437IDD Datasheet HTML 21Page - Linear Technology LT3437IDD Datasheet HTML 22Page - Linear Technology LT3437IDD Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
LT3437
3437fc
SHUTDOWN FUNCTION AND UNDERVOLTAGE
LOCKOUT
The SHDN pin on the LT3437 controls the operation of the
IC. When the voltage on the SHDN pin is below the 1.3V
shutdown threshold, the LT3437 is placed in a “zero”
supply current state. Driving the SHDN pin above the
shutdown threshold enables normal operation. The SHDN
pin has an internal sink current with a typical value of 5
µA.
In addition to the shutdown feature, the LT3437 has an
undervoltage lockout function. When the input voltage is
below 2.5V, switching will be disabled. The undervoltage
lockout threshold doesn’t have any hysteresis and is
mainly used to insure that all internal voltages are at the
correct level before switching is enabled. If an undervolt-
age lockout function with hysteresis is needed to limit
input current at low VIN to VOUT ratios, refer to Figure 7 and
the following:
VR
V
R
V
R
IV
V
VR
R
UVLO
SHDN
SHDN
SHDN
SHDN
HYST
OUT
=+
+
⎛
⎝⎜
⎞
⎠⎟
+
=
()
1
32
1
3
R1 should be chosen to minimize quiescent current during
normal operation by the following equation:
R
VV
I
IN
SHDN TYP
1
2
15
= ()()
–
.
()
Example:
R
A
M
R
M
M
A
M
k
1
12 2
15 5
13
3
51 3
1
65
1
13
649
408
=
µ
()
=
Ω
=
Ω
()
=
ΩΩ
Ω
µ
Ω
=
–
.
.
.
.
––
.
.
(Nearest 1% 6.49M )
R2 =
1.3
7 – 1.3
1.3M
(Nearest 1% 412k)
See the Typical Performance Characteristics section for
graphs of SHDN and VIN currents verses input voltage.
Figure 7. Undervoltage Lockout
SYNCHRONIZING
Oscillator synchronization to an external input is achieved
by connecting a TTL logic-compatible square wave with a
duty cycle between 25% and 75% to the LT3437 SYNC
pin. The synchronizing range is equal to initial operating
frequency up to 700kHz. This means that minimum
practical sync frequency is equal to the worst-case high
self-oscillating frequency (240kHz), not the typical oper-
ating frequency of 200kHz. Caution should be used when
synchronizing above 300kHz, because at higher sync
frequencies the amplitude of the internal slope compen-
sation used to prevent subharmonic switching is re-
duced. This type of subharmonic switching only occurs at
input voltages less than twice output voltage. Higher
inductor values will tend to eliminate this problem. See
Frequency Compensation section for a discussion of an
entirely different cause of subharmonic switching before
assuming that the cause is insufficient slope compensa-
tion. Application Note 19 has more details on the theory
of slope compensation.
If the FB pin voltage is below 0.9V (power-up or output
short-circuit conditions), the sync function is disabled.
This allows the frequency foldback to operate to avoid
hazardous conditions for the SW pin.
If a synchronization signal or logic-level above 2V is
present at the SYNC pin, Burst Mode operation is disabled.
Burst Mode operation can be enabled or disabled on the
fly. If no synchronization or Burst Mode defeat is required,
this pin should be connected to ground.
APPLICATIO S I FOR ATIO
ENABLE
1.3V
3437 F07
5
µA
SHDN
R2
2.5V
–
+
SHDN
COMP
–
+
VIN
COMP
10
VIN
VOUT
LT3437
2
R1
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com