Electronic Components Datasheet Search
  English  ▼

X  

GRSPW Datasheet(PDF) 1 Page - Actel Corporation

Part # GRSPW
Description  SpaceWire CODEC with RMAP GRSPW / GRSPW-FT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

GRSPW Datasheet(HTML) 1 Page - Actel Corporation

  GRSPW Datasheet HTML 1Page - Actel Corporation GRSPW Datasheet HTML 2Page - Actel Corporation GRSPW Datasheet HTML 3Page - Actel Corporation GRSPW Datasheet HTML 4Page - Actel Corporation GRSPW Datasheet HTML 5Page - Actel Corporation GRSPW Datasheet HTML 6Page - Actel Corporation GRSPW Datasheet HTML 7Page - Actel Corporation GRSPW Datasheet HTML 8Page - Actel Corporation GRSPW Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Copyright Aeroflex Gaisler AB
December 2008, Version 1.0.2
SpaceWire CODEC with RMAP
GRSPW / GRSPW-FT
CompanionCore Data Sheet
GAISLER
Features
• Full implementation of SpaceWire standard
ECSS-E-ST-50-12C
• Protocol ID extension ECSS-E-ST-50-11C
• RMAP protocol ECSS-E-ST-50-11C
• AMBA AHB back-end with DMA
• Descriptor-based autonomous multi-packet
transfer
• SEU protection and fault-tolerance
• Low area and high transfer frequency
• 100 Mbit/s data transfer on Actel RTAX
• Support for Fusion, IGLOO, RT-ProASIC3/E,
Axcelerator and RTAX-S Product Families
Description
The GRSPW core implements a SpaceWire
Codec with RMAP support and AMBATM host
interface. The core implements the SpaceWire
standard
with
the
protocol
identification
extension and RMAP protocol draft. Receive and
transmit data is autonomously transferred
between the SpaceWire Codec and the AMBA
AHB bus using DMA transfers.
Through the use of receive and transmit
descriptors, multiple SpaceWire packets can be
received and transmitted without processor
involvement. The GRSPW control registers are
accessed through an APB interface.
Applications
The fault tolerant design of the SpaceWire core in
combination with the radiation tolerant Actel
FPGA gives total immunity to radiation effects
and makes it well suited for space applications.
Transmitter
Receiver
D
S
S
D
RxClock
Recovery
TxClk
RxClock
AHB Master
Interface
Transmitter
FIFO
N-Char
FIFO
LinkInterface
FSM
AHB clock domain
Tx clock domain
Rx clock domain
Data
Parallelization
Receiver
AHB FIFO
Transmitter
DMA Engine
Registers
APB
Interface
Receiver
DMA Engine
Send
FSM
RMAP
Receiver
RMAP
Transmitter


Similar Part No. - GRSPW

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRS-2011-2000 CWIND-GRS-2011-2000 Datasheet
107Kb / 1P
ASSEMBLY DRAWING S.P.S.T. ROCKER SWITCH NON-POLARIZED 1.125 x .550 PANEL
GRS-2011-2000 CWIND-GRS-2011-2000 Datasheet
186Kb / 2P
2000 Series Maintained Action Full Size Rocker Switches
GRS-2011-2000 CWIND-GRS-2011-2000_19 Datasheet
186Kb / 2P
2000 Series Maintained Action Full Size Rocker Switches
GRS-2011-2001 CWIND-GRS-2011-2001 Datasheet
186Kb / 2P
2000 Series Maintained Action Full Size Rocker Switches
GRS-2011-2002 CWIND-GRS-2011-2002 Datasheet
186Kb / 2P
2000 Series Maintained Action Full Size Rocker Switches
More results

Similar Description - GRSPW

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM77565 EMC-EM77565 Datasheet
318Kb / 25P
ADPCM WITH PCM CODEC
logo
List of Unclassifed Man...
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
Multi-Channel AC97 Codec With Multi-Codec Option
STAC9721 ETC1-STAC9721 Datasheet
394Kb / 48P
Stereo AC 97 Codec With Multi-Codec Option
logo
ATMEL Corporation
AT7911E ATMEL-AT7911E Datasheet
311Kb / 22P
Triple SpaceWire links High Speed Controller
AT7912E ATMEL-AT7912E Datasheet
347Kb / 21P
Single SpaceWire link High Speed Controller
AT7910E ATMEL-AT7910E Datasheet
289Kb / 19P
SpW-10X SpaceWire Router
AT7913E ATMEL-AT7913E Datasheet
420Kb / 18P
SpaceWire-Remote Terminal Controller (RTC)
AT7910E ATMEL-AT7910E_14 Datasheet
521Kb / 21P
SpW-10X SpaceWire Router
AT7911E ATMEL-AT7911E_14 Datasheet
312Kb / 22P
3 identical bidirectional SpaceWire links allowing
AT7913E ATMEL-AT7913E_14 Datasheet
1Mb / 26P
SpaceWire Remote Terminal Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com